Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4974 Datasheet (PDF) - STMicroelectronics

L4974 Datasheet PDF - STMicroelectronics
Part # L4974
Download  L4974 Download
File Size   327.48 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.5A SWITCHING REGULATOR

L4974 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4974 Datasheet PDF - STMicroelectronics

Part # L4974
Download  L4974 Click to download

File Size   327.48 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.5A SWITCHING REGULATOR

L4974 Datasheet (HTML) - STMicroelectronics


L4974 Product details

DESCRIPTION

The L4974Aisa step down monolithic power switch ing regulator delivering 3.5A at a voltage variable from 5.1 to 40V.

Realized with BCD mixed technology, the device uses a DMOS output transistor to obtain very high efficiencyand very fastswitching times. Features of the L4974A include reset and power fail for micro processors, feed forward line regulation, soft start, limiting current and thermal protection. The device is mountedin a Powerdip16 + 2 + 2 plastic package and requires few external components. Efficient operation at switching frequencies up to 200KHz allows reductionin the size and cost of externalfilter component.



. 3.5A OUTPUT CURRENT

. 5.1V TO 40V OUTPUT VOLTAGE RANGE

. 0 TO 90% DUTY CYCLE RANGE

. INTERNAL FEED-FORWARD LINE REG.

. INTERNAL CURRENT LIMITING

. PRECISE 5.1V ± 2% ON CHIP REFERENCE

. RESET AND POWER FAIL FUNCTIONS

. INPUT/OUTPUT SYNC PIN

. UNDER VOLTAGE LOCK OUT WITH HYSTERETIC TURN-ON

. PWM LATCH FOR SINGLE PULSE PER PERIOD

. VERY HIGH EFFICIENCY

. SWITCHING FREQUENCY UP TO 200KHz

. THERMAL SHUTDOWN

. CONTINUOUS MODE OPERATION




Similar Part No. - L4974

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
L4970 STMICROELECTRONICS-L4970 Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4970A STMICROELECTRONICS-L4970A Datasheet
399Kb / 21P
10A SWITCHING REGULATOR
Jun-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
More results


Similar Description - L4974

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913 LINER-LT1913_15 Datasheet
290Kb / 24P
25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
logo
Anaren Microwave
MSK5044RH ANAREN-MSK5044RH Datasheet
1Mb / 9P
RAD HARD 3.5A SWITCHING REGULATOR
MSK5048RH ANAREN-MSK5048RH Datasheet
657Kb / 8P
RAD HARD 3.5A SWITCHING REGULATOR
logo
Linear Technology
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com