Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR2203 Datasheet (PDF) - Suzhou Saixin Electronic Technology Co., Ltd.

XR2203 Datasheet PDF - Suzhou Saixin Electronic Technology Co., Ltd.
Part # XR2203
Download  XR2203 Download
File Size   1006.86 Kbytes
Page   9 Pages
Manufacturer  XYSEMI [Suzhou Saixin Electronic Technology Co., Ltd.]
Direct Link  http://www.xysemi.com/en
Logo XYSEMI - Suzhou Saixin Electronic Technology Co., Ltd.
Description 1.2MHZ,26V Step-up DC/DC Converter

XR2203 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR2203 Datasheet PDF - Suzhou Saixin Electronic Technology Co., Ltd.

Part # XR2203
Download  XR2203 Click to download

File Size   1006.86 Kbytes
Page   9 Pages
Manufacturer  XYSEMI [Suzhou Saixin Electronic Technology Co., Ltd.]
Direct Link  http://www.xysemi.com/en
Logo XYSEMI - Suzhou Saixin Electronic Technology Co., Ltd.
Description 1.2MHZ,26V Step-up DC/DC Converter

XR2203 Datasheet (HTML) - Suzhou Saixin Electronic Technology Co., Ltd.


XR2203 Product details

GENERAL
DESCRIPTION
The XR2203 is a high frequency, high
efficiency DC to DC converter with an
integrated 2.8A, 0.1Ω power switch
capable of providing an output voltage up
to 26V. The fixed 1.2MHz allows the use
of small external inductions and
capacitors and provides fast transient
response. It integrates Soft start, Comp,.
only need few components outside.

FEATURES
 2.3V to 6V input voltage Rangel
 Efficiency up to 96%
 26V Boost converter with 2.8A switch
current
 1.2Mhz fixed Switching Frequency
 Integrated soft-start
 Thermal Shutdown
 Under voltage Lockout
 SOT23-5 Package

APPLICATIONS
 Handheld Devices
 GPS Receiver
 Digital Still Camera
 Portable Applications
 DSL Modem
 PCMCIA Card
 TFT LCD Bias Supply




Similar Part No. - XR2203

ManufacturerPart #DatasheetDescription
logo
Suzhou Saixin Electroni...
XR2203 XYSEMI-XR2203 Datasheet
267Kb / 10P
1.2MHZ,26V Step-up DC/DC Converter
2012-10-24 REV0.5
More results


Similar Description - XR2203

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3426 LINER-LTC3426 Datasheet
185Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
750kHz/1.2MHz Step-up DC/DC Converter
logo
Linear Technology
LTC3426 LINER-LTC3426_15 Datasheet
191Kb / 12P
1.2MHz Step-Up DC/DC Converter in SOT-23
logo
Global Mixed-mode Techn...
G5120 GMT-G5120 Datasheet
90Kb / 1P
600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
G5110 GMT-G5110 Datasheet
91Kb / 1P
600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE717C ACE-ACE717C Datasheet
743Kb / 8P
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1547 HMSEMI-HM1547 Datasheet
565Kb / 10P
1.2MHZ竊?4V Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com