Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C33V Datasheet (PDF) - Texas Instruments

BZX84C33V Datasheet PDF - Texas Instruments
Part # BZX84C33V
Download  BZX84C33V Download
File Size   879.83 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BZX84Cx Zener Voltage Regulator Diodes in SOT-23

BZX84C33V Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C33V Datasheet PDF - Texas Instruments

Part # BZX84C33V
Download  BZX84C33V Click to download

File Size   879.83 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BZX84Cx Zener Voltage Regulator Diodes in SOT-23

BZX84C33V Datasheet (HTML) - Texas Instruments


BZX84C33V Product details

1 Features
• Total power dissipation: 430mW (max)
• Tolerance: ±5%
• Temperature range: -55°C to +150°C
• Leaded package used for automatic optical
inspection (AOI)

2 Applications
• Voltage regulation
• Over-voltage protection

3 Description
The BZX84Cx is a family of voltage regulating diodes
in a SOT-23 package. The diodes are available in
Zener voltages ranging from 5.6V to 39V.




Similar Part No. - BZX84C33V

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX84C33V CDIL-BZX84C33V Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
logo
Yea Shin Technology Co....
BZX84C33V YEASHIN-BZX84C33V Datasheet
776Kb / 5P
Zener Voltage Regulator Diodes
logo
Texas Instruments
BZX84C33V TI2-BZX84C33V Datasheet
861Kb / 16P
BZX84Cx-Q1 Automotive Zener Voltage Regulator Diodes in SOT-23
REVISED MARCH 2026
BZX84C33V-Q1 TI2-BZX84C33V-Q1 Datasheet
861Kb / 16P
BZX84Cx-Q1 Automotive Zener Voltage Regulator Diodes in SOT-23
REVISED MARCH 2026
BZX84C33VDBZRQ1 TI2-BZX84C33VDBZRQ1 Datasheet
861Kb / 16P
BZX84Cx-Q1 Automotive Zener Voltage Regulator Diodes in SOT-23
REVISED MARCH 2026
More results


Similar Description - BZX84C33V

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
225 mW SOT-23 Zener Voltage Regulator Diodes
logo
DAESAN ELECTRONIC CORP.
BZX84 DAESAN-BZX84 Datasheet
373Kb / 3P
300mW SOT-23 ZENER DIODES
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
225 mW SOT-23 Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
BZD84C SECOS-BZD84C Datasheet
168Kb / 3P
300 mW SOT-23 Series Dual Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
UN Semiconducctor INC
BZX84BXX UNSEMI-BZX84BXX Datasheet
2Mb / 6P
SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com