Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4964 Datasheet (PDF) - STMicroelectronics

L4964 Datasheet PDF - STMicroelectronics
Part # L4964
Download  L4964 Download
File Size   208.15 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH CURRENT SWITCHING REGULATOR

L4964 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4964 Datasheet PDF - STMicroelectronics

Part # L4964
Download  L4964 Click to download

File Size   208.15 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH CURRENT SWITCHING REGULATOR

L4964 Datasheet (HTML) - STMicroelectronics


L4964 Product details

DESCRIPTION

The L4964 is a stepdown power switching regulator delivering4A at a voltage variable from 5.1V to 28V. Features of the device include overload protection, soft start, remote inhibit, thermal protection, a reset outputfor microprocessors and a PWM comparator input for synchronization in multichipconfigurations.

The L4964 is mounted in a 15-lead Multiwatt® plastic power package and requires very few external components.

Efficient operation at switching frequencies up to 120kHz allows a reductionin the size and cost of external filter components.



. 4 A OUTPUT CURRENT

. 5.1 V TO 28 V OUTPUT VOLTAGE RANGE

. 0 TO 100 % DUTY CYCLE RANGE

. PRECISE (± 3 %) ON-CHIP REFERENCE

. SWITCHING FREQUENCY UP TO 120 KHz

. VERY HIGH EFFICIENCY (UP TO 90 %)

. VERY FEW EXTERNAL COMPONENTS

. SOFT START

. RESET OUTPUT

. CURRENT LIMITING

. INPUT FOR REMOTE INHIBIT AND SYNCHRONUS PWM

. THERMAL SHUTDOWN



 




Similar Part No. - L4964

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4964 STMICROELECTRONICS-L4964 Datasheet
1Mb / 13P
HIGH CURRENT SWITCHING REGULATOR
Jul-2003
L4964 STMICROELECTRONICS-L4964_03 Datasheet
1Mb / 13P
HIGH CURRENT SWITCHING REGULATOR
Jul-2003
More results


Similar Description - L4964

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA1244 FAIRCHILD-KSA1244 Datasheet
39Kb / 4P
High Current Switching
logo
Linear Technology
LT1373 LINER-LT1373 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
logo
STMicroelectronics
L4964 STMICROELECTRONICS-L4964_03 Datasheet
1Mb / 13P
HIGH CURRENT SWITCHING REGULATOR
Jul-2003
logo
Linear Technology
LT3724 LINER-LT3724 Datasheet
293Kb / 24P
High Voltage, Current Mode Switching Regulator Controller
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_00 Datasheet
284Kb / 5P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
logo
Linear Technology
LT3724 LINER-LT3724_1 Datasheet
315Kb / 26P
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LT3724EFE LINER-LT3724EFE Datasheet
263Kb / 26P
High Voltage, Current Mode Switching Regulator Controller
LT1373 LINER-LT1373_15 Datasheet
200Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT3724 LINER-LT3724_15 Datasheet
319Kb / 26P
High Voltage, Current Mode Switching Regulator Controller
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com