Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD2981CM33TR Datasheet (PDF) - STMicroelectronics

LD2981CM33TR Datasheet PDF - STMicroelectronics
Part # LD2981CM33TR
Download  LD2981CM33TR Download
File Size   1029.65 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low-drop voltage regulators with inhibit

LD2981CM33TR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD2981CM33TR Datasheet PDF - STMicroelectronics

Part # LD2981CM33TR
Download  LD2981CM33TR Click to download

File Size   1029.65 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low-drop voltage regulators with inhibit

LD2981CM33TR Datasheet (HTML) - STMicroelectronics


LD2981CM33TR Product details

Features
 Ultra low dropout voltage (0.17 V typ. at 100
mA load, 7 mV typ. at 1 mA load)
 Very low quiescent current (80 μA typ. at no
load in on mode; max 1 μA in off mode)
 Guaranteed output current up to 100 mA
 Logic-controlled electronic shutdown
 Output voltage of 2.5; 3.0; 3.3; 5.0 V
 Internal current and thermal limit
 ± 0.75% tolerance output voltage available
(A version)
 Output low noise voltage 160 μVRMS
 Temperature range: -40 to 125 °C
 Small package SOT23-5L and SOT-89
 Fast dynamic response to line and load
changes

Description
The LD2981 is a 100 mA fixed-output voltage
regulator. The low-drop voltage and the ultra low
quiescent current make them suitable for low
noise, low power applications and in battery
powered systems.
The quiescent current in sleep mode is less than
1 μA when INHIBIT pin is pulled low. Shutdown
logic control function is available on pin n° 3 (TTL
compatible). This means that when the device is
used as local regulator, it is possible to put a part
of the board in standby, decreasing the total
power consumption. The LD2981 is designed to
work with low ESR ceramic capacitor. Typical
applications are in cellular phone, palmtop/laptop
computer, personal digital assistant (PDA),
personal stereo, camcorder and camera




Similar Part No. - LD2981CM33TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD2981CM33TR STMICROELECTRONICS-LD2981CM33TR Datasheet
414Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Sep-2003
LD2981CM33TR STMICROELECTRONICS-LD2981CM33TR Datasheet
430Kb / 23P
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
14-Jul-2008
More results


Similar Description - LD2981CM33TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com