Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1838270000 Datasheet (PDF) - Weidmuller

1838270000 Datasheet PDF - Weidmuller
Part # 1838270000
Download  1838270000 Download
File Size   461.14 Kbytes
Page   5 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description SL-SMT 5.08HC/08/180G 3.2SN BK BX

1838270000 Datasheet (PDF)

Go To PDF Page Download Datasheet
1838270000 Datasheet PDF - Weidmuller

Part # 1838270000
Download  1838270000 Click to download

File Size   461.14 Kbytes
Page   5 Pages
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller
Description SL-SMT 5.08HC/08/180G 3.2SN BK BX

1838270000 Datasheet (HTML) - Weidmuller




Similar Part No. - 1838270000

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
18382 VICOR-18382 Datasheet
148Kb / 4P
16. Through-hole Socket Mount System (InMate)
logo
Weidmuller
1838200000 WEIDMULLER-1838200000 Datasheet
411Kb / 4P
SL-SMT 5.08HC/24/180 3.2SN BK BX
1838210000 WEIDMULLER-1838210000 Datasheet
959Kb / 7P
OMNIMATE Signal - series BL/SL 5.08 SL-SMT 5.08HC/02/180G 3.2SN BK BX
July 2, 2018 11:20:17 AM
1838220000 WEIDMULLER-1838220000 Datasheet
461Kb / 5P
SL-SMT 5.08HC/03/180G 3.2SN BK BX
logo
PHOENIX CONTACT
1838226 PHOENIX-1838226 Datasheet
54Kb / 4P
Printed-circuit board connector - PC 4/ 4-ST-7,62 BK
More results


Similar Description - 1838270000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
BLF 5.08/08/180 SN BK BX
1014180000 WEIDMULLER-1014180000 Datasheet
77Kb / 4P
BLF 5.08/08/180LR SN BK BX
1793130000 WEIDMULLER-1793130000 Datasheet
84Kb / 5P
SC 3.81/02/90G 3.2SN BK BX
1979330000 WEIDMULLER-1979330000 Datasheet
73Kb / 3P
BLF 5.00/08/90 SN BK BX
1862530000 WEIDMULLER-1862530000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/08/90G 3.2SN BK BX
1862920000 WEIDMULLER-1862920000 Datasheet
371Kb / 35P
OMNIMATE Signal - series BC/SC 3.81 SC-SMT 3.81/02/180G 3.2SN BK BX
1862950000 WEIDMULLER-1862950000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/04/180G 3.2SN BK BX
1863020000 WEIDMULLER-1863020000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
2720480000 WEIDMULLER-2720480000 Datasheet
975Kb / 6P
BVDF 7.62HP/08/180SN BK BX
2720540000 WEIDMULLER-2720540000 Datasheet
1,011Kb / 6P
BVDF 7.62HP/08/180SF SN BK BX
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com