Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX383 Datasheet (PDF) - Texas Instruments

OPAX383 Datasheet PDF - Texas Instruments
Part # OPAX383
Download  OPAX383 Download
File Size   1993.33 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp

OPAX383 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX383 Datasheet PDF - Texas Instruments

Part # OPAX383
Download  OPAX383 Click to download

File Size   1993.33 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp

OPAX383 Datasheet (HTML) - Texas Instruments


OPAX383 Product details

1 Features
• Ultra-low offset voltage: ±5μV (maximum)
• Zero drift: ±0.025μV/°C
• Low-input bias current: 62pA (maximum)
• Low noise: 32nV√Hz at 1kHz
• No 1/f noise: 650nVPP (0.1Hz to 10Hz)
• Common-mode input range ±100mV beyond
supply rails
• Gain bandwidth: 2.5MHz
• Quiescent current: 65μA per amplifier
• Single supply: 1.7V to 5.5V
• Dual supply: ±0.85V to ±2.75V
• EMI and RFI filtered inputs

2 Applications
• Electronic thermometer
• Weigh scale
• Temperature transmitter
• Ventilators
• Data acquisition (DAQ)
• Semiconductor test
• Lab and field instrumentation
• Merchant network and server PSU
• Analog input module
• Pressure transmitter

3 Description
The OPA383, OPA2383, and OPA4383 (OPAx383)
family of precision amplifiers offers state-of-the-art
performance. With zero-drift technology, the OPAx383
offset voltage and offset drift provide unparalleled
long-term stability. With a ultra-low 65μA of quiescent
current, the OPAx383 are able to achieve 2.5MHz
of bandwidth, a broadband noise of 32nV/√Hz, and
a 1/f noise at 650nVPP. These specifications are
crucial to achieve extremely-high precision and no
degradation of linearity in 16-bit to 24-bit analog
to digital converters (ADCs). The OPAx383 feature
flat bias current over temperature; therefore, little to
no calibration is needed in high input impedance
applications over temperature.
All versions are specified over the industrial
temperature range of –40°C to +125°C.




Similar Part No. - OPAX383

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX383 TI1-OPAX383 Datasheet
1Mb / 29P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
DECEMBER 2024
OPAX383 TI2-OPAX383 Datasheet
1Mb / 36P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
REVISED JUNE 2025
OPAX383 TI2-OPAX383 Datasheet
1Mb / 36P
OPAx383 Low-Power, High-Precision, 2.5MHz, Zero-Drift Op Amp
REVISED JUNE 2025
More results


Similar Description - OPAX383

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD545A AD-AD545A Datasheet
280Kb / 4P
Monolithic Precision, Low Drift FET-Input Op Amp
AD8538 AD-AD8538 Datasheet
268Kb / 12P
Low Power, Precision Auto-Zero Op Amp
10/05-Revision 0
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
June 8, 2011
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
July 25, 2011
logo
Analog Devices
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
December 22, 2011
logo
Analog Devices
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Rev. D
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com