Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAFS21 Datasheet (PDF) - ABB

PAFS21 Datasheet PDF - ABB
Part # PAFS21
Download  PAFS21 Download
File Size   82.51 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description STD WGT BLK NYL COND NC21 10M BLK

PAFS21 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAFS21 Datasheet PDF - ABB

Part # PAFS21
Download  PAFS21 Click to download

File Size   82.51 Kbytes
Page   3 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description STD WGT BLK NYL COND NC21 10M BLK

PAFS21 Datasheet (HTML) - ABB


PAFS21 Product details

Extended Product Type PAFS21/BL/10M
Product ID 7TCA296000R2199
EAN 5020963000874
Catalog Description STD WGT BLK NYL COND NC21 10M BLK
Long Description
Standard Weight Conduit, Nominal Conduit Size 21mm, NW Conduit Size 17, Fine
Conduit Pitch, Outside Diameter 21.2mm, Inside Diameter 16.5mm, Static Bend Radius
45mm, Reel Length 10 Meters, Polyamide (Nylon) 6, Black
General Information




Similar Part No. - PAFS21

ManufacturerPart #DatasheetDescription
logo
ABB
PAFS21 ABB-PAFS21 Datasheet
82Kb / 3P
STD WGT BLK NYL COND NC21 25M BLK
PAFS21/BL/25M ABB-PAFS21/BL/25M Datasheet
82Kb / 3P
STD WGT BLK NYL COND NC21 25M BLK
PAFS21 ABB-PAFS21_V01 Datasheet
82Kb / 3P
STD WGT BLK NYL COND NC21 25M BLK
More results


Similar Description - PAFS21

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PS1024AL E-SWITCH-PS1024AL Datasheet
26Kb / 1P
E-SWITCH PS1024AL (BLK CAP)
RP3502A-BLK E-SWITCH-RP3502A-BLK Datasheet
27Kb / 1P
E-SWITCH RP3502A-BLK
RP3502B-BLK E-SWITCH-RP3502B-BLK Datasheet
28Kb / 1P
E-SWITCH RP3502B-BLK
RP3502MA-BLK E-SWITCH-RP3502MA-BLK Datasheet
31Kb / 1P
E-SWITCH RP3502MA-BLK
logo
Bourns Electronic Solut...
BLK BOURNS-BLK Datasheet
105Kb / 2P
BLK Series Protector Panels
REV. C 10/19
logo
E-SWITCH
R1966DBLKBLKBR E-SWITCH-R1966DBLKBLKBR Datasheet
37Kb / 1P
R1966D BLK BLK BR
A
logo
Lapp.
52005949 LAPP-52005949 Datasheet
126Kb / 1P
SKINDICHT® BLK
03.07.2018
52006101 LAPP-52006101 Datasheet
126Kb / 2P
SKINDICHT® BLK-GL-M
16.08.2023
52006600 LAPP-52006600 Datasheet
82Kb / 1P
SKINDICHT® BLK-M
25.11.2021
52109013 LAPP-52109013 Datasheet
175Kb / 2P
SKINTOP® CLICK BLK
20.06.2023
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com