Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

149380 Datasheet (PDF) - Pro-Signal

149380 Datasheet PDF - Pro-Signal
Part # 149380
Download  149380 Download
File Size   114.03 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB2 Type A to Type B Cable Male to Male, 1.8 M

149380 Datasheet (PDF)

Go To PDF Page Download Datasheet
149380 Datasheet PDF - Pro-Signal

Part # 149380
Download  149380 Click to download

File Size   114.03 Kbytes
Page   1 Pages
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal
Description USB2 Type A to Type B Cable Male to Male, 1.8 M

149380 Datasheet (HTML) - Pro-Signal


149380 Product details

Feature:
• Designed for USB 2 technology can be use with old generation USB host 480 Mbps-certified (USB 2)

Description
USB Lead AB Type Male / Male 1.8 m




Similar Part No. - 149380

ManufacturerPart #DatasheetDescription
logo
Heyco.
14938 HEYCO-14938 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Atom Lighting
14938 ATOM-14938 Datasheet
492Kb / 3P
AT9043 TRI
23rd of January 2025 01:10:25
logo
Evolt
14938 EKTOR-14938 Datasheet
199Kb / 2P
WIRELESS DALI CONSTANT CURRENT DRIVER
31st of January 2025 07:13:40
More results


Similar Description - 149380

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692901100000 WURTH-692901100000 Datasheet
390Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A MALE
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
692903100000 WURTH-692903100000 Datasheet
387Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE B MALE
692904100000 WURTH-692904100000 Datasheet
386Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO MICRO B MALE
logo
Assmann Electronics Inc...
AK670M-2-2-R ASSMANN-AK670M-2-2-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
AK670M-2-5-R ASSMANN-AK670M-2-5-R Datasheet
96Kb / 1P
USB 2.0 Cable A Male to Mini B Male
logo
Rosenberger Hochfrequen...
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
L99-989-1800 ROSENBERGER-L99-989-1800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
List of Unclassifed Man...
Y-C455GBK ETC1-Y-C455GBK Datasheet
295Kb / 1P
USB2.0 Type-A (M) to Micro-B (M) Cable
logo
Coolgear Inc.
USB3-AC03MB COOLGEAR-USB3-AC03MB Datasheet
125Kb / 1P
USB 3.2 Gen 2 Type-C Male to Type-A Male Cable
2021.04.17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com