Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS15B-24 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

MDS15B-24 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # MDS15B-24
Download  MDS15B-24 Download
File Size   90.7 Kbytes
Page   4 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 15W 2"x1" Package Medical Grade DC-DC Converter

MDS15B-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDS15B-24 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # MDS15B-24
Download  MDS15B-24 Click to download

File Size   90.7 Kbytes
Page   4 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 15W 2"x1" Package Medical Grade DC-DC Converter

MDS15B-24 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


MDS15B-24 Product details

Features
DIP 2"x1" package with international standard pinout
2:1 wide input range
Low patient leakage current <5pA
Wide operating temperature range -40 ~ +90°C
Medical safety approved (2xMOPP) according to IEC60601-1
No minimum load required
Protections: Short circuit (Continuous) / Overload / Input under voltage
4000VAC hight I/O isolation (Reinforced isolation)
3 years warranty

Applications
* Medical devices
* Medical oxygen monitor
* CT scanning
* Medical carts
* Oral care equipment

Description
MDS15 series is 15W isolated and requlated module type medical grade DC-DC converter with 2"x1" package. It features international standard pins, a high efficiency up to 88%, wide working temperature range -40~+90°C, 4KVAC I/P-O/P hight isolation voltage, compliance with IEC60601-1 medical standard, continuous-mode short circuit protection, etc. The models account for different input voltage 9~18V, 18~36V and 36~75V 2:1 wide input range, and various output voltage 5V/12V/15V/24V, which are suitable for medical systems, ultra low leakage current.




Similar Part No. - MDS15B-24

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Nanjing International G...
MDS150 DGNJDZ-MDS150 Datasheet
583Kb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
Insel Rectifier India P...
MDS150 IRI-MDS150 Datasheet
918Kb / 3P
THREE PHASE BRIDGE MODULE
logo
Shenzhen Luguang Electr...
MDS150 LUGUANG-MDS150 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
More results


Similar Description - MDS15B-24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
15W DC-DC CONVERTER
Dec-1993
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
DC-DC CONVERTER 12 - 15W
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500_11 Datasheet
316Kb / 5P
DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package
logo
Mean Well Enterprises C...
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
1W SIP Package DC-DC Medical Grade Unregulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
2W SIP Package DC-DC Medical Grade Unregulated Converter
SKM10 MEANWELL-SKM10 Datasheet
111Kb / 4P
10W 1"x1" Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
15W, AC-DC converter
logo
Mean Well Enterprises C...
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
3W DIP Package DC-DC Medical Grade Regulated Converter
MDS06 MEANWELL-MDS06 Datasheet
94Kb / 5P
6W DIP Package DC-DC Medical Grade Regulated Converter
SKM30-N MEANWELL-SKM30-N Datasheet
147Kb / 7P
30W 2"x1" Package DC-DC Regulated Converter
2022-12-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com