Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD790 Datasheet (PDF) - Infinite Electronics International, Inc.

PD790 Datasheet PDF - Infinite Electronics International, Inc.
Part # PD790
Download  PD790 Download
File Size   605.48 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Differential Pressure Sensor, 0-1MPa, Isolated Construction, high static pressure 20MPa, 1.5X overpressure

PD790 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD790 Datasheet PDF - Infinite Electronics International, Inc.

Part # PD790
Download  PD790 Click to download

File Size   605.48 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Differential Pressure Sensor, 0-1MPa, Isolated Construction, high static pressure 20MPa, 1.5X overpressure

PD790 Datasheet (HTML) - Infinite Electronics International, Inc.


PD790 Product details

Features
• Pressure range 0-1MPa
• F19 mm Differential pressure sensor
• Constant current / Constant Voltage power supply
• Isolated construction, enable to measure various media
• Full stainless steel 316L
• High static pressure 20MPa
• 1.5 times overpressure
Applications
• Industrial process control
• Differential pressure measurement
• Gas, liquid pressure measurement
• Pressure checking meter
• Pressure calibrator
• Venture and eddy-current flow meter
.
Description
PD790-10M2 is a highly stable and reliable piezo-resistive pressure sensor with wide temperature compensation and zero
correction. It contains a highly stable silicon die, stainless steel 316L housing with diameter 19 mm. The measured differential
pressure is transmitted onto the silicon die through the 316L diaphragm and inner media. This transforms the measured pressure
into an electrical signal.




Similar Part No. - PD790

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
PD790 L-COM-PD790 Datasheet
605Kb / 4P
Differential Pressure Sensor, 0-2MPa, Isolated Construction, high static pressure 20MPa, 1.5X overpressure
REV 1.0
PD790-12M2 L-COM-PD790-12M2 Datasheet
605Kb / 4P
Differential Pressure Sensor, 0-2MPa, Isolated Construction, high static pressure 20MPa, 1.5X overpressure
REV 1.0
More results


Similar Description - PD790

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E8Y OMRON-E8Y Datasheet
798Kb / 9P
Differential Pressure Sensor
logo
Silicon Microstructures...
SM5391-BBE-S-001-000 SMI-SM5391-BBE-S-001-000 Datasheet
275Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM6391-BCE-S-005-001 SMI-SM6391-BCE-S-005-001 Datasheet
277Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-000 SMI-SM7391-BCE-S-002-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-002-001 SMI-SM7391-BCE-S-002-001 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-005-000 SMI-SM7391-BCE-S-005-000 Datasheet
374Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-010-000 SMI-SM7391-BCE-S-010-000 Datasheet
373Kb / 1P
Differential Pressure Sensor
SM7391-BCE-S-014-000 SMI-SM7391-BCE-S-014-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com