Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS781 Datasheet (PDF) - Infinite Electronics International, Inc.

PS781 Datasheet PDF - Infinite Electronics International, Inc.
Part # PS781
Download  PS781 Download
File Size   555.69 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Highly Stable Pressure Sensor, 0-20kPa, Gauge, Compensated, 19mm diameter

PS781 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS781 Datasheet PDF - Infinite Electronics International, Inc.

Part # PS781
Download  PS781 Click to download

File Size   555.69 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Highly Stable Pressure Sensor, 0-20kPa, Gauge, Compensated, 19mm diameter

PS781 Datasheet (HTML) - Infinite Electronics International, Inc.


PS781 Product details

Features
• Pressure range 0-20kPa
• Gauge pressure sensor
• Constant current / Constant Voltage power supply
• Isolated construction, enable to measure various media
• F19mm standard OEM pressure sensor
• Full stainless steel 316L
• Wide temperature compensation
• Long-term stability ±0.1%FS/year
Applications
• Industrial process control
• Level measurement
• Pressure checking meter
• Pressure calibrator
• Liquid pressure system and switch
• Cooling equipment and air conditioning system
• Aviation and navigation inspection
.
Description
PS781-0BG0L1 is a highly stable piezo-resistive pressure sensor with wide temperature compensation and zero correction. It
contains a highly stable silicon die, stainless steel 316L housing with diameter 19mm. The measured pressure is transmitted
onto the silicon die through the 316L diaphragm and inner media. This transforms the measured pressure into an electrical
signal.




Similar Part No. - PS781

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
PS781 L-COM-PS781 Datasheet
555Kb / 4P
Highly Stable Pressure Sensor, 0-200kPa, Gauge, Compensated, 19mm diameter
REV 1.0
PS781 L-COM-PS781 Datasheet
555Kb / 4P
Highly Stable Pressure Sensor, 0-350kPa, Gauge, Compensated, 19mm diameter
REV 1.0
PS781 L-COM-PS781 Datasheet
555Kb / 4P
Highly Stable Pressure Sensor, 0-35MPa, Sealed Gauge, Compensated, 19mm diameter
REV 1.0
PS781 L-COM-PS781 Datasheet
555Kb / 4P
Highly Stable Pressure Sensor, 0-100kPa, Gauge, Compensated, 19mm diameter
REV 1.0
PS781 L-COM-PS781 Datasheet
555Kb / 4P
Highly Stable Pressure Sensor, 0-1MPa, Gauge, Compensated, 19mm diameter
REV 1.0
More results


Similar Description - PS781

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MP3V5050V NXP-MP3V5050V Datasheet
145Kb / 11P
MP3V5050V, -50 to 0 kPa, Gauge Pressure Sensor
Rev. 3.0, 09/2015
MPXM2051G NXP-MPXM2051G Datasheet
828Kb / 10P
MPXM2051G, 0 to 50 kPa, Gauge Compensated Pressure Sensors
Rev. 4.0, 06/2020
logo
Silicon Microstructures...
SM4232-HGA-S-005-000 SMI-SM4232-HGA-S-005-000 Datasheet
633Kb / 8P
Gauge Pressure Sensor
SM4233-HGL-S-005-000 SMI-SM4233-HGL-S-005-000 Datasheet
633Kb / 8P
Gauge Pressure Sensor
SM4233-HGL-S-375-000 SMI-SM4233-HGL-S-375-000 Datasheet
907Kb / 8P
Gauge Pressure Sensor
SM5291-BCE-S-100-000 SMI-SM5291-BCE-S-100-000 Datasheet
347Kb / 1P
Gauge Pressure Sensor
SM6291-BBE-S-021-000 SMI-SM6291-BBE-S-021-000 Datasheet
382Kb / 1P
Gauge Pressure Sensor
SM6291-BCE-S-030-000 SMI-SM6291-BCE-S-030-000 Datasheet
382Kb / 1P
Gauge Pressure Sensor
SM7291-BBE-S-002-001 SMI-SM7291-BBE-S-002-001 Datasheet
448Kb / 1P
Gauge Pressure Sensor
SM7291-BCE-S-010-000 SMI-SM7291-BCE-S-010-000 Datasheet
372Kb / 1P
Gauge Pressure Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com