Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C512A-WNN-CZ0B0151 Datasheet (PDF) - Cree LED

C512A-WNN-CZ0B0151 Datasheet PDF - Cree LED
Part # C512A-WNN-CZ0B0151
Download  C512A-WNN-CZ0B0151 Download
File Size   1040.54 Kbytes
Page   14 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Cree® 5mm Round LED C512A-WNS/WNN

C512A-WNN-CZ0B0151 Datasheet (PDF)

Go To PDF Page Download Datasheet
C512A-WNN-CZ0B0151 Datasheet PDF - Cree LED

Part # C512A-WNN-CZ0B0151
Download  C512A-WNN-CZ0B0151 Click to download

File Size   1040.54 Kbytes
Page   14 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Cree® 5mm Round LED C512A-WNS/WNN

C512A-WNN-CZ0B0151 Datasheet (HTML) - Cree LED


C512A-WNN-CZ0B0151 Product details

PRODUCT DESCRIPTION
Round LEDs offer superior light output for excellent readability in sunlight and dependable performance. They provide extremely stable light output over long periods of time.
These lamps are made with an advanced optical grade epoxy offering superior high temperature and high moisture resistance performance in lighting and illumination applications.

FEATURES
• Size (mm): 5
• Color Temperatures:
Cool White : Min . (4600K) / Typical (9000K)
• Luminous Intensity (mcd) C512A-WNS/WNN: (8200-32900)
• Viewing angle: C512A-WNS/WNN: 25 degree
• Lead-Free
• RoHS Compliant

APPLICATIONS
• Torch
• Channel Letter
• Retail Display Lighting




Similar Part No. - C512A-WNN-CZ0B0151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C512A-WNN-CZ0B0151 CREE-C512A-WNN-CZ0B0151 Datasheet
979Kb / 10P
Cree 5mm Round LED
C512A-WNN-CZ0B0151 CREE-C512A-WNN-CZ0B0151 Datasheet
929Kb / 13P
Cree 5-mm Round LED
More results


Similar Description - C512A-WNN-CZ0B0151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
5mm Round LED
C503B-AAS-CA0C0251-015 CREE-C503B-AAS-CA0C0251-015 Datasheet
815Kb / 9P
Cree 5mm Amber Round LED
C503B-WAN-CBADA151 CREE-C503B-WAN-CBADA151 Datasheet
1Mb / 10P
Cree 5mm Round LED
C512A-WNS-CZ0B0151 CREE-C512A-WNS-CZ0B0151 Datasheet
979Kb / 10P
Cree 5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
5mm Round LED
C512A MARKTECH-C512A Datasheet
979Kb / 10P
5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
5mm Round LED
logo
Cree, Inc
C512A-WNS CREE-C512A-WNS Datasheet
929Kb / 13P
Cree 5-mm Round LED
C535A-WJN-877 CREE-C535A-WJN-877 Datasheet
849Kb / 13P
5mm Round LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com