Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K24C020-RER-S Datasheet (PDF) - Estek Electronics Co. Ltd

K24C020-RER-S Datasheet PDF - Estek Electronics Co. Ltd
Part # K24C020-RER-S
Download  K24C020-RER-S Download
File Size   1113.42 Kbytes
Page   13 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages

K24C020-RER-S Datasheet (PDF)

Go To PDF Page Download Datasheet
K24C020-RER-S Datasheet PDF - Estek Electronics Co. Ltd

Part # K24C020-RER-S
Download  K24C020-RER-S Click to download

File Size   1113.42 Kbytes
Page   13 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description 8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages

K24C020-RER-S Datasheet (HTML) - Estek Electronics Co. Ltd


K24C020-RER-S Product details

General Description

The 24C02/ 24C04/ 24C08/ 24C16 provides 2048/4096/8192/16384 bits of serial electrically erasable and programmable read-only memory (EEPROM) organized as 256/512/1024/2048 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The 24C02/ 24C04/ 24C08/ 24C16 is available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages and is accessed via a two-wire serial interface.



Features

• Wide Voltage Operation

   - VCC = 1.8V to 5.5V

• Operating Ambient Temperature: -40。C to +85。C

• Internally Organized:

   - 24C02, 256 X 8 (2K bits)

   - 24C04, 512 X 8 (4K bits)

   - 24C08, 1024 X 8 (8K bits)

   - 24C16, 2048 X 8 (16K bits)

• Two-wire Serial Interface

• Schmitt Trigger, Filtered Inputs for Noise Suppression

• Bidirectional Data Transfer Protocol

• 1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility

• Write Protect Pin for Hardware Data Protection

• 8-byte Page (2K), 16-byte Page (4K, 8K, 16K) Write Modes

• Partial Page Writes Allowed

• Self-timed Write Cycle (5 ms max)

• High-reliability

   - Endurance: 1 Million Write Cycles

   - Data Retention: 100 Years

• 8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages

• Die Sales: Wafer Form, Waffle Pack



 




Similar Part No. - K24C020-RER-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K24C02 ETC1-K24C02 Datasheet
1Mb / 20P
Two-wire Serial EEPROM
K24C02C ETC-K24C02C Datasheet
1Mb / 20P
Two-wire Serial EEPROM
V1.3
More results


Similar Description - K24C020-RER-S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
Analog Devices
AD7908 AD-AD7908 Datasheet
607Kb / 24P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
9/03-Data Sheet changed from REV. 0 to REV. A.
logo
Estek Electronics Co. L...
24C64 ESTEK-24C64_1 Datasheet
1Mb / 12P
available in space-saving 8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages
logo
Analog Devices
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7896ANZ AD-AD7896ANZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7896JRZ AD-AD7896JRZ Datasheet
1Mb / 15P
2.7 V to 5.5 V, 12-Bit, 8 s ADC in 8-Lead SOIC/PDIP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
logo
Linear Technology
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1728 LINER-LTC1728_15 Datasheet
203Kb / 16P
Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330_15 Datasheet
590Kb / 4P
Lead-Free 2 mm 8-Lead PDFN Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com