Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC67048PAPR Datasheet (PDF) - Texas Instruments

AMC67048PAPR Datasheet PDF - Texas Instruments
Part # AMC67048PAPR
Download  AMC67048PAPR Download
File Size   1001.14 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC67048 DAC and ADC Analog Monitor and Supervisor

AMC67048PAPR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC67048PAPR Datasheet PDF - Texas Instruments

Part # AMC67048PAPR
Download  AMC67048PAPR Click to download

File Size   1001.14 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC67048 DAC and ADC Analog Monitor and Supervisor

AMC67048PAPR Datasheet (HTML) - Texas Instruments


AMC67048PAPR Product details

1 Features
• Eight monotonic 12-bit DACs
– Output range: 0V to 5V
– High current-drive capability
• Up to 40-channel, 12-bit SAR ADC
– High sample rate: 250kSPS
– Input ranges: 0V to 5V and 0V to 2.5V
– Programmable out-of-range alarms
• Guard logic
– Six FlexIO pins
– Programmable threshold detector with
hysteresis
– Sequencing features
• Internal 2.5V reference
• Internal temperature sensor
– Accuracy: ±2.5°C, maximum
– Resolution: 0.0625°C
– Out of-range temperature alarm
• Selectable SPI and I2C interfaces: 1.65V to 5.5V
• Specified temperature range: –40°C to +125°C
• Operating temperature range: –40°C to +150°C

2 Applications
• Data center and enterprise computing

3 Description
The AMC67048 is a highly integrated analog systemguard
designed for high-density, general-purpose
monitor-control systems, telemetry, and redundancy
safety. The AMC67048 has a 12-bit, 250kSPS analogto-
digital converter (ADC) with up to 40 channels. The
ADC has a programmable output range from either
0V to 2.5V or 0V to 5V. The device incorporates
eight, 12-bit digital-to-analog converters (DACs) with
a high-current drive capable of sourcing and sinking
up to 100mA. In addition, the device contains FLEXIO
pins that can either be device inputs or outputs,
and are part of the device guard logic. The guard
logic is designed to simplify monitoring through
multiple alarms, out-of-bound ADC monitoring, and
sequencing. The FLEXIO and DAC pins can be used
as additional ADC channels.
Communication to the device is done through an
autodetected, 4-wire SPI-compatible or 2-wire I2C
interface.
The AMC67048 high channel density, guard features,
wide operating temperature range, and guard logic
make this device an excellent choice for system
monitoring and redundancy safety monitoring in
applications such as servers and avionics telemetry.
This device is designed to work independently
through the integrated alarm detection or work with
an MCU to provide all-in-one system monitoring.




Similar Part No. - AMC67048PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC67048 TI2-AMC67048 Datasheet
435Kb / 3P
AMC67048 DAC and ADC Analog Monitor and Supervisor
SEPTEMBER 2025
More results


Similar Description - AMC67048PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1910 TI-UC1910 Datasheet
222Kb / 6P
4-Bit DAC and Voltage Monitor
logo
Intersil Corporation
ISL6550A INTERSIL-ISL6550A Datasheet
287Kb / 11P
SAM Supervisor And Monitor
January 18, 2005
logo
Burr-Brown (TI)
AMC6821 BURR-BROWN-AMC6821 Datasheet
712Kb / 47P
Analog Monitor and Control Circuit
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
Analog System Monitor and Controller
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
Analog System Monitor and Controller
logo
Analog Devices
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
logo
Texas Instruments
UC1910 TI1-UC1910_08 Datasheet
250Kb / 7P
4-Bit DAC and Voltage Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com