Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71211DSER Datasheet (PDF) - Texas Instruments

TLV71211DSER Datasheet PDF - Texas Instruments
Part # TLV71211DSER
Download  TLV71211DSER Download
File Size   785.33 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator

TLV71211DSER Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV71211DSER Datasheet PDF - Texas Instruments

Part # TLV71211DSER
Download  TLV71211DSER Click to download

File Size   785.33 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator

TLV71211DSER Datasheet (HTML) - Texas Instruments


TLV71211DSER Product details

1FEATURES
234• 2% Accuracy
• Low IQ: 35 mA
• Fixed-Output Voltage Combinations Possible
from 0.7 V to 1.15 V(1)
• High PSRR: 68 dB at 1 kHz
• Stable with Effective Capacitance of 0.1 mF(2)
• Thermal Shutdown and Overcurrent Protection
• Packages: SOT23-5, 1,5-mm × 1,5-mm SON-6
(1) For output voltage of 1.2 V and higher, see the TLV702 family
of devices.
(2) See the Input and Output Capacitor Requirements in the
Application Information section.

APPLICATIONS
. Wireless Handsets
. Smart Phones, PDAs
. MP3 Players
. ZigBee® Networks
. Bluetooth® Devices
. Li-Ion Operated Handheld Products
. WLAN and Other PC Add-on Cards

DESCRIPTION
The TLV712xx series of low-dropout linear regulators
(LDOs) are low quiescent current devices with
excellent line and load transient performance. These
devices provide sub-bandgap output voltages; that is,
output voltages less than 1.2 V all the way down to
0.7 V. Therefore, these LDOs can be used to power
processors with operating voltages less than 1.2 V.
These LDOs are designed for power-sensitive
applications. A precision bandgap and error amplifier
provides overall 2% accuracy. Low output noise, very
high power-supply rejection ratio (PSRR), and
low-dropout voltage make this series of devices ideal
for a wide selection of battery-operated handheld
equipment. All device versions have thermal
shutdown and current limit for safety.
Furthermore, these devices are stable with an
effective output capacitance of only 0.1 mF. This
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
derating. The devices regulate to specified accuracy
with no output load.
The TLV712xxP series also provides an active pull-down circuit to quickly discharge the outputs.
The TLV712xx series of LDO linear regulators are
available in SOT23-5 and 1,5-mm x 1,5-mm SON-6
packages.




Similar Part No. - TLV71211DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71211DSER TI1-TLV71211DSER Datasheet
869Kb / 24P
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV71211DSER TI1-TLV71211DSER Datasheet
1Mb / 24P
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV71211DSER TI2-TLV71211DSER Datasheet
785Kb / 26P
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
REVISED JANUARY 2011
TLV71211DSER.B TI2-TLV71211DSER.B Datasheet
785Kb / 26P
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
REVISED JANUARY 2011
More results


Similar Description - TLV71211DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV712XX TI1-TLV712XX Datasheet
869Kb / 24P
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
TLV712XX TI1-TLV712XX_16 Datasheet
1Mb / 24P
300-mA, Sub-Bandgap Output Voltage, Low-IQ, Low-Dropout Regulator
TLV702 TI1-TLV702_17 Datasheet
1Mb / 33P
300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_18 Datasheet
938Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com