Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z01XXXA Datasheet (PDF) - STMicroelectronics

Z01XXXA Datasheet PDF - STMicroelectronics
Part # Z01XXXA
Download  Z01XXXA Download
File Size   60.1 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE GATE TRIACS

Z01XXXA Datasheet (PDF)

Go To PDF Page Download Datasheet
Z01XXXA Datasheet PDF - STMicroelectronics

Part # Z01XXXA
Download  Z01XXXA Click to download

File Size   60.1 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SENSITIVE GATE TRIACS

Z01XXXA Datasheet (HTML) - STMicroelectronics


Z01XXXA Product details

FEATURES
IT(RMS) = 0.8A
VDRM = 400V to 800V
IGT 3 3mA to 3 25mA

DESCRIPTION
The Z01xxxA series of triacs uses a high performance TOP GLASS PNPN technology. These parts are intended for general purpose applications where gate high sensitivity is required.




Similar Part No. - Z01XXXA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01XXA STMICROELECTRONICS-Z01XXA Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
logo
Tiger Electronic Co.,Lt...
Z01XXMA TGS-Z01XXMA Datasheet
153Kb / 1P
Product specification
logo
STMicroelectronics
Z01XXN STMICROELECTRONICS-Z01XXN Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
Z01XXYA STMICROELECTRONICS-Z01XXYA Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
Z01XXYA1AA2 STMICROELECTRONICS-Z01XXYA1AA2 Datasheet
296Kb / 16P
Standard 1 A Triacs
02-May-2019
More results


Similar Description - Z01XXXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com