Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM6F15AY Datasheet (PDF) - STMicroelectronics

SM6F15AY Datasheet PDF - STMicroelectronics
Part # SM6F15AY
Download  SM6F15AY Download
File Size   810.81 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 W TVS in SOD128 Flat

SM6F15AY Datasheet (PDF)

Go To PDF Page Download Datasheet
SM6F15AY Datasheet PDF - STMicroelectronics

Part # SM6F15AY
Download  SM6F15AY Click to download

File Size   810.81 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 W TVS in SOD128 Flat

SM6F15AY Datasheet (HTML) - STMicroelectronics


SM6F15AY Product details

Features
• AEC-Q101 qualified
• Peak pulse power: 600 W (10/1000 μs) and 4 kW (8/20 μs)
• Stand-off voltage range from 5 V to 36 V
• Unidirectional type
• Low leakage current: 0.2 μA at 25 °C and 1 μA at 85 °C
• Operating Tj max: 175 °C
• High power capability at 175 °C (Tj max.) up to 240 W (10/1000 μs)
• Lead finishing: matte tin platting

Description
The SM6FY series are designed to protect sensitive automotive circuits against surges defined in ISO 7637-2 and against electrostatic discharges according to ISO 10605.
The Planar technology makes it compatible with high-end circuits where low leakage current and high junction temperature are required to provide long term reliability and stability.




Similar Part No. - SM6F15AY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SM6F03NSU VBSEMI-SM6F03NSU Datasheet
1Mb / 9P
Power MOSFET
logo
Sinopower Semiconductor...
SM6F22NSF SINOPWER-SM6F22NSF Datasheet
200Kb / 11P
N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM6F22NSF VBSEMI-SM6F22NSF Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Sinopower Semiconductor...
SM6F22NSFC-TUG SINOPWER-SM6F22NSFC-TUG Datasheet
200Kb / 11P
N-Channel Enhancement Mode MOSFET
SM6F22NSFP SINOPWER-SM6F22NSFP Datasheet
200Kb / 11P
N-Channel Enhancement Mode MOSFET
More results


Similar Description - SM6F15AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6T28CAY STMICROELECTRONICS-SMA6T28CAY Datasheet
331Kb / 11P
Automotive 600 W Transil™ in SMA package
Mar-2012
SMA6TY STMICROELECTRONICS-SMA6TY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
Automotive 600 W Transil in SMA package
27-Mar-2012
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com