Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1088872 Datasheet (PDF) - PHOENIX CONTACT

1088872 Datasheet PDF - PHOENIX CONTACT
Part # 1088872
Download  1088872 Download
File Size   380.05 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 2504-2GC-2SFP - Industrial Ethernet Switch

1088872 Datasheet (PDF)

Go To PDF Page Download Datasheet
1088872 Datasheet PDF - PHOENIX CONTACT

Part # 1088872
Download  1088872 Click to download

File Size   380.05 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 2504-2GC-2SFP - Industrial Ethernet Switch

1088872 Datasheet (HTML) - PHOENIX CONTACT


1088872 Product details

Managed Switch 2000 series, 4 RJ45 ports 10/100/1000 Mbps, 2 SFP ports 100/1000 Mbps, 2
Combo ports, degree of protection: IP20, Ambient temperature (operation): -40 °C ... 70 °C,
Supply voltage range: 19 V DC ... 32 V DC, PROFINET Conformance Class B, Extended
temperature range, Development process certified in accordance with IEC 62443-4-1,
Compatible with IEC 62443-4-2




Similar Part No. - 1088872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1088875 PHOENIX-1088875 Datasheet
388Kb / 11P
FL SWITCH 2412-2TC-2SFX - Industrial Ethernet Switch
More results


Similar Description - 1088872

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702653 PHOENIX-2702653 Datasheet
84Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2304-2GC-2SFP
2702970 PHOENIX-2702970 Datasheet
83Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP
1026765 PHOENIX-1026765 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1000T2POEGT-2SFP
09/12/2020
1249598 PHOENIX-1249598 Datasheet
761Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1012NT-2SFP
Nov 16, 2022
1006191 PHOENIX-1006191 Datasheet
889Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP
Dec 2, 2022
1088856 PHOENIX-1088856 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2512-2GC-2SFP
Dec 2, 2022
1043499 PHOENIX-1043499 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP
Dec 2, 2022
1085171 PHOENIX-1085171 Datasheet
887Kb / 29P
Industrial Ethernet Switch - FL SWITCH 1105N-2SFP
Dec 2, 2022
2702910 PHOENIX-2702910 Datasheet
1Mb / 34P
Industrial Ethernet Switch - FL SWITCH 2312-2GC- 2SFP
2702981 PHOENIX-2702981 Datasheet
1Mb / 35P
Industrial Ethernet Switch - FL NAT 2304-2GC-2SFP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com