Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3491 Datasheet (PDF) - Texas Instruments

MAX3491 Datasheet PDF - Texas Instruments
Part # MAX3491
Download  MAX3491 Download
File Size   2110.63 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers

MAX3491 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3491 Datasheet PDF - Texas Instruments

Part # MAX3491
Download  MAX3491 Click to download

File Size   2110.63 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers

MAX3491 Datasheet (HTML) - Texas Instruments


MAX3491 Product details

1 Features
• 1/8 Unit-load option available
(up to 256 nodes on the bus)
• Bus-pin ESD protection exceeds 15-kV HBM
• Optional driver output transition times for signaling
rates of 1 Mbps, 5 Mbps and 26 Mbps
– Line signaling rate is the number of voltage
transitions made per second expressed in units
of bps (bits per second)
• Low-current standby mode: <1 μA
• Glitch-free power-up and power-down protection
for hot-plugging applications
• 5-V Tolerant inputs
• Bus idle, open, and short-circuit failsafe
• Driver current limiting and thermal shutdown
• Designed for RS-422 and RS-485 networks
• 5-V Devices available, SN65HVD50-55

2 Applications
• Utility meters
• DTE and DCE interfaces
• Industrial, process, and building automation
• Point-of-sale (POS) pins and networks

3 Description
The SN65HVD3x devices are 3-state differential
line drivers and differential-input line receivers that
operate with 3.3-V power supply.
Each driver and receiver has separate input and
output pins for full-duplex bus communication
designs. They are designed for RS-422 and RS-485
data transmission over cable lengths of up to
1500 meters.
The SN65HVD30, SN65HVD31, and SN65HVD32
devices are fully enabled with no external enabling
pins.
The SN65HVD33, SN65HVD34, and SN65HVD35
devices have active-high driver enables and activelow
receiver enables. A low, less than 1 μA, standby
current can be achieved by disabling both the driver
and receiver.
All devices are characterized for ambient
temperatures from –40°C to 85°C. Low power
dissipation allows operation at temperatures up to
105°C or 125°C, depending on package option.




Similar Part No. - MAX3491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3491 MAXIM-MAX3491 Datasheet
197Kb / 16P
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
logo
SYC Electronica
MAX3491 SYC-MAX3491 Datasheet
227Kb / 16P
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3491AE MAXIM-MAX3491AE Datasheet
939Kb / 19P
3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3491AEASD+ MAXIM-MAX3491AEASD+ Datasheet
939Kb / 19P
3.3V-Powered, 짹20kV ESD-Protected
Rev 0; 3/16
MAX3491AEASD+ MAXIM-MAX3491AEASD+ Datasheet
999Kb / 19P
3.3V-Powered, 짹20kV ESD-Protected,20Mbps and Slew-Rate-Limited RS-485/RS-422 Transceivers
19-8506; Rev 1; 9/17
More results


Similar Description - MAX3491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD30-EP TI1-SN65HVD30-EP_15 Datasheet
1Mb / 37P
SN65HVD3x-EP 3.3-V Full-Duplex RS-485 Drivers And Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com