Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX314 Datasheet (PDF) - Texas Instruments

OPAX314 Datasheet PDF - Texas Instruments
Part # OPAX314
Download  OPAX314 Download
File Size   2253.6 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier

OPAX314 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX314 Datasheet PDF - Texas Instruments

Part # OPAX314
Download  OPAX314 Click to download

File Size   2253.6 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier

OPAX314 Datasheet (HTML) - Texas Instruments


OPAX314 Product details

1 Features
1• Low IQ: 150 μA/ch
• Wide Supply Range: 1.8 V to 5.5 V
• Low Noise: 14 nV/√Hz at 1 kHz
• Gain Bandwidth: 3 MHz
• Low Input Bias Current: 0.2 pA
• Low Offset Voltage: 0.5 mV
• Unity-Gain Stable
• Internal RF/EMI Filter
• Extended Temperature Range:
–40°C to 125°C

2 Applications
• Battery-Powered Instruments:
– Consumer, Industrial, Medical
– Notebooks, Portable Media Players
• Photodiode Amplifiers
• Active Filters
• Remote Sensing
• Wireless Metering
• Handheld Test Equipment

3 Description
The OPA314 family of single-, dual-, and quad-
channel operational amplifiers represents a new generation of low-power, general-purpose CMOS
amplifiers. Rail-to-rail input and output swings, low
quiescent current (150 μA typically at 5 VS) combined
with a wide bandwidth of 3 MHz, and very low noise (14 nV/√Hz at 1 kHz) make this family very attractive
for a variety of battery-powered applications that
require a good balance between cost and
performance. The low input bias current supports
applications with MΩ source impedances.
The robust design of the OPA314 devices provides
ease-of-use to the circuit designer: unity-gain stability
with capacitive loads of up to 300 pF, an integrated RF/EMI rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
protection (4-kV HBM).
These devices are optimized for low-voltage
operation as low as 1.8 V (±0.9 V) and up to 5.5 V
(±2.75 V), and are specified over the full extended temperature range of –40°C to 125°C.
The OPA314 (single) is available in both SC70-5 and SOT23-5 packages. The OPA2314 (dual) is offered in
SO-8, MSOP-8, and DFN-8 packages. The quadchannel
OPA4314 is offered in a TSSOP-14 package.




Similar Part No. - OPAX314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAx314-Q1 TI1-OPAx314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPAX314-Q1 TI2-OPAX314-Q1 Datasheet
1Mb / 41P
OPAx314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
REVISED JANUARY 2017
More results


Similar Description - OPAX314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com