Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX211 Datasheet (PDF) - Texas Instruments

OPAX211 Datasheet PDF - Texas Instruments
Part # OPAX211
Download  OPAX211 Download
File Size   2706.11 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers

OPAX211 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX211 Datasheet PDF - Texas Instruments

Part # OPAX211
Download  OPAX211 Click to download

File Size   2706.11 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description OPAx211 1.1-nv/√Hz Noise, Low Power, Precision Operational Amplifiers

OPAX211 Datasheet (HTML) - Texas Instruments


OPAX211 Product details

1 Features
1• Low voltage noise: 1.1 nV/√Hz at 1 kHz
• Input voltage noise: 80 nVPP (0.1 to 10 Hz)
• THD + N: –136 dB (G = 1, ƒ = 1 kHz)
• Offset voltage: 125 μV (maximum)
• Offset voltage drift: 0.35 μV/°C (typical)
• Low supply current: 3.6 mA/Ch (typical)
• Unity-gain stable
• Gain bandwidth product:
– 80 MHz (G = 100)
– 45 MHz (G = 1)
• Slew rate: 27 V/μs
• 16-Bit settling: 700 ns
• Wide supply range:
– ±2.25 to ±18 V, 4.5 V to 36 V
• Rail-to-rail output
• Output current: 30 mA
• SON-8 (3 mm × 3 mm), VSSOP-8, and SOIC-8

2 Applications
• Ultrasound scanner
• Semiconductor test
• X-ray systems
• Lab and field instrumentation
• Data acquisition (DAQ)
• Radar
• Wireless communications test
• Seismic data acquisition
• DC power supply, ac source, electronic load
• Power analyzer
• Source measurement unit (SMU)

3 Description
The OPAx211 series of precision operational
amplifiers achieves very low 1.1-nV/√Hz noise density
with a supply current of only 3.6 mA. This series also
offers rail-to-rail output swing, which maximizes
dynamic range.
The extremely low voltage and low current noise,
high-speed, and wide output swing of the OPAx211
series make these devices an excellent choice as a
loop filter amplifier in PLL applications.
In precision data acquisition applications, the
OPAx211 series of operational amplifiers provides
700-ns settling time to 16-bit accuracy throughout 10-
V output swings. This ac performance, combined with
only 125 μV of offset and 0.35 μV/°C of drift over
temperature, makes the OPAx211 series a great
choice for driving high-precision 16-bit analog-todigital
converters (ADCs) or buffering the output of
high-resolution digital-to-analog converters (DACs).
The OPAx211 series is specified over a wide dualpower
supply range of ±2.25 to ±18 V, or for singlesupply
operation from 4.5 to 36 V.
The OPA211 is available in the small SON-8 (3 mm ×
3 mm), VSSOP-8, and SOIC-8 packages. The dual
version OPA2211 is available in a SON-8 (3 mm × 3
mm) or an SO-8 PowerPAD™ package. This series
of operational amplifiers is specified from TA = –40°C
to +125°C.




Similar Part No. - OPAX211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX210 TI-OPAX210 Datasheet
2Mb / 38P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPAX210 TI-OPAX210 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
OPAX210 TI-OPAX210 Datasheet
2Mb / 42P
OPAx210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
OPAX210 TI2-OPAX210 Datasheet
2Mb / 44P
OPAx210 2.2-nV/√Hz Precision, Low-Power, 36-V Operational Amplifiers
REVISED AUGUST 2021
More results


Similar Description - OPAX211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 NSC-LMP7732 Datasheet
753Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
Texas Instruments
OPA211-HT TI1-OPA211-HT Datasheet
672Kb / 26P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/Hz Noise, Low Power, Precision Operational Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
OPA2211-HT TI-OPA2211-HT_15 Datasheet
420Kb / 22P
1.1 nV/?숰z Noise, Low Power, Precision Operational Amplifier
OPA2211-EP TI-OPA2211-EP Datasheet
1Mb / 32P
OPA2211-EP 1.1-nV/?숰z Noise, Low-Power, Precision Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com