Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS15L30CDJF Datasheet (PDF) - STMicroelectronics

STPS15L30CDJF Datasheet PDF - STMicroelectronics
Part # STPS15L30CDJF_V01
Download  STPS15L30CDJF Download
File Size   300.97 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V, 15 A high efficiency PowerFLAT power Schottky diode

STPS15L30CDJF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS15L30CDJF Datasheet PDF - STMicroelectronics

Part # STPS15L30CDJF_V01
Download  STPS15L30CDJF Click to download

File Size   300.97 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V, 15 A high efficiency PowerFLAT power Schottky diode

STPS15L30CDJF Datasheet (HTML) - STMicroelectronics


STPS15L30CDJF Product details

Features
• Low forward voltage drop
• Very low conduction losses
• Negligible switching losses
• Extremely fast switching
• Low thermal resistance
• Avalanche rated
• High integration
• Thin package: 1 mm
• ECOPACK2 compliant




Similar Part No. - STPS15L30CDJF_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS15L30CDJF STMICROELECTRONICS-STPS15L30CDJF Datasheet
118Kb / 7P
Low drop power Schottky rectifier
18-May-2011
More results


Similar Description - STPS15L30CDJF_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
N-channel 30 V, 0.0045 Ω, 15 A, PowerFLAT??(3.3 x 3.3) STripFET™V Power MOSFET
25-Aug-2008
STPS30M60DJF STMICROELECTRONICS-STPS30M60DJF Datasheet
177Kb / 8P
High efficiency power Schottky diode
18-Apr-2012
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
09-Aug-2011
logo
ON Semiconductor
NSR20306NXT5G ONSEMI-NSR20306NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR20305NXT5G ONSEMI-NSR20305NXT5G Datasheet
62Kb / 5P
2 A, 30 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
logo
STMicroelectronics
STPS30L30DJF STMICROELECTRONICS-STPS30L30DJF Datasheet
175Kb / 7P
High efficiency power Schottky diode
16-Mar-2012
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com