Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS10L60 Datasheet (PDF) - STMicroelectronics

STPS10L60 Datasheet PDF - STMicroelectronics
Part # STPS10L60
Download  STPS10L60 Download
File Size   174.79 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 V power Schottky rectifier

STPS10L60 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS10L60 Datasheet PDF - STMicroelectronics

Part # STPS10L60
Download  STPS10L60 Click to download

File Size   174.79 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 60 V power Schottky rectifier

STPS10L60 Datasheet (HTML) - STMicroelectronics


STPS10L60 Product details

Features
• Low forward voltage drop
• Negligible switching losses
• Low thermal resistance
• Avalanche capability specified
• ECOPACK® 2 compliant




Similar Part No. - STPS10L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L60 STMICROELECTRONICS-STPS10L60 Datasheet
76Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L60 STMICROELECTRONICS-STPS10L60 Datasheet
72Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
Power Schottky rectifier
26-Mar-2007
STPS10L60CF STMICROELECTRONICS-STPS10L60CF Datasheet
76Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L60CFP STMICROELECTRONICS-STPS10L60CFP Datasheet
76Kb / 5P
POWER SCHOTTKY RECTIFIER
Jul-2003
More results


Similar Description - STPS10L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
STPS560SFY STMICROELECTRONICS-STPS560SFY Datasheet
474Kb / 11P
Automotive 60 V, 5 A power Schottky rectifier
February 2019 Rev 1
STPS5L60SFY STMICROELECTRONICS-STPS5L60SFY Datasheet
474Kb / 11P
Automotive 60 V low VF power Schottky rectifier
14-Aug-2018
STPS5L60SF STMICROELECTRONICS-STPS5L60SF Datasheet
323Kb / 9P
60 V power Schottky rectifier
July 2018 Rev 1
STPS10H60SF STMICROELECTRONICS-STPS10H60SF Datasheet
326Kb / 10P
60 V power Schottky rectifier
07-Nov-2018
STPS10H60SFY STMICROELECTRONICS-STPS10H60SFY Datasheet
473Kb / 11P
Automotive 60 V low Ir power Schottky rectifier
06-Aug-2018
STPS10M60SF STMICROELECTRONICS-STPS10M60SF Datasheet
324Kb / 9P
60 V power Schottky rectifier
DS12677 - Rev 1 - July 2018
logo
Nexperia B.V. All right...
PMEG6030EVP-Q NEXPERIA-PMEG6030EVP-Q Datasheet
259Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
PMEG6030EVP NEXPERIA-PMEG6030EVP Datasheet
260Kb / 13P
60 V, 3 A Schottky barrier rectifier
20 February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com