Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4060 Datasheet (PDF) - STMicroelectronics

M74HC4060 Datasheet PDF - STMicroelectronics
Part # M74HC4060
Download  M74HC4060 Download
File Size   469.75 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 14-stage binary counter/oscillator

M74HC4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC4060 Datasheet PDF - STMicroelectronics

Part # M74HC4060
Download  M74HC4060 Click to download

File Size   469.75 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 14-stage binary counter/oscillator

M74HC4060 Datasheet (HTML) - STMicroelectronics


M74HC4060 Product details

Features
• High speed:
fmax = 65 MHz (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 A (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIL = 28% VCC (min.)
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays: TPLH ≅ TPHL
• Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
• Pin and function compatible with 74 series
4060
• ESD performance
– HBM: 2 kV
– MM: 200 V
– CDM: 1 kV




Similar Part No. - M74HC4060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4060 STMICROELECTRONICS-M74HC4060 Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
M74HC4060B1 STMICROELECTRONICS-M74HC4060B1 Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
M74HC4060B1R STMICROELECTRONICS-M74HC4060B1R Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
M74HC4060B1R STMICROELECTRONICS-M74HC4060B1R Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
M74HC4060C1R STMICROELECTRONICS-M74HC4060C1R Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
More results


Similar Description - M74HC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com