Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS1L30U Datasheet (PDF) - STMicroelectronics

STPS1L30U Datasheet PDF - STMicroelectronics
Part # STPS1L30U
Download  STPS1L30U Download
File Size   364.5 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V, 1 A low drop power Schottky rectifier

STPS1L30U Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS1L30U Datasheet PDF - STMicroelectronics

Part # STPS1L30U
Download  STPS1L30U Click to download

File Size   364.5 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 30 V, 1 A low drop power Schottky rectifier

STPS1L30U Datasheet (HTML) - STMicroelectronics


STPS1L30U Product details

Features
• Very low forward voltage drop for less power dissipation
• Surface mount miniature packages
• Avalanche rated
• ECOPACK2 compliant




Similar Part No. - STPS1L30U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L30U STMICROELECTRONICS-STPS1L30U Datasheet
75Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1L30U STMICROELECTRONICS-STPS1L30U Datasheet
71Kb / 7P
LOW DROP POWER SCHOTTKY RECTIFIER
logo
International Rectifier
STPS1L30U IRF-STPS1L30U Datasheet
121Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS1L30U VISHAY-STPS1L30U Datasheet
91Kb / 5P
Schottky Rectifier, 1.0 A
15-Aug-08
logo
International Rectifier
STPS1L30UPBF IRF-STPS1L30UPBF Datasheet
121Kb / 6P
SCHOTTKY RECTIFIER
More results


Similar Description - STPS1L30U

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010AESA PHILIPS-PMEG3010AESA_15 Datasheet
210Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
3 August 2015
PMEG3010ESB PHILIPS-PMEG3010ESB_15 Datasheet
202Kb / 14P
30 V, 1 A low VF MEGA Schottky barrier rectifier
1 July 2015
logo
Nexperia B.V. All right...
PMEG3010EGW NEXPERIA-PMEG3010EGW Datasheet
683Kb / 12P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010BEP-Q NEXPERIA-PMEG3010BEP-Q Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3010BER-Q NEXPERIA-PMEG3010BER-Q Datasheet
261Kb / 13P
30 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG3010EGW-Q NEXPERIA-PMEG3010EGW-Q Datasheet
221Kb / 10P
30 V, 1 A low VF Schottky barrier rectifier
26 September 2022
PMEG3010BEP NEXPERIA-PMEG3010BEP Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3010BER NEXPERIA-PMEG3010BER Datasheet
283Kb / 13P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
PMEG3010EP NEXPERIA-PMEG3010EP Datasheet
1Mb / 12P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
PMEG3010ER NEXPERIA-PMEG3010ER Datasheet
1Mb / 13P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com