Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4040C20ILPR Datasheet (PDF) - Texas Instruments

LM4040C20ILPR Datasheet PDF - Texas Instruments
Part # LM4040C20ILPR
Download  LM4040C20ILPR Download
File Size   1796.82 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4040 Precision Micropower Shunt Voltage Reference

LM4040C20ILPR Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4040C20ILPR Datasheet PDF - Texas Instruments

Part # LM4040C20ILPR
Download  LM4040C20ILPR Click to download

File Size   1796.82 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4040 Precision Micropower Shunt Voltage Reference

LM4040C20ILPR Datasheet (HTML) - Texas Instruments


LM4040C20ILPR Product details

1 Features
• Fixed output voltages of 2.048V, 2.5V, 3V, 4.096V,
5V, 8.192V, and 10V
• Tight output tolerances and low temperature
coefficient
– Maximum 0.1%, 100ppm/°C – A Grade
– Maximum 0.2%, 100ppm/°C – B Grade
– Maximum 0.5%, 100ppm/°C – C Grade
– Maximum 1.0%, 150ppm/°C – D Grade
• Low output noise: 35μVRMS typical
• Wide operating current range: 45μA typical to
15mA
• Stable with all capacitive loads; no output
capacitor required
• Available in extended temperature range: –40°C to
125°C

2 Applications
• Data-Acquisition Systems
• Energy Infrastructure
• Analog Input Module
• Field Transmitters
• Precision Audio
• Automotive Electronics

3 Description
The LM4040 series of shunt voltage references are
versatile, easy-to-use references that cater to a vast
array of applications. The 2-pin fixed-output device
requires no external capacitors for operation and
is stable with all capacitive loads. Additionally, the
reference offers low dynamic impedance, low noise,
and low temperature coefficient to maintain a stable
output voltage over a wide range of operating currents
and temperatures. The LM4040 uses fuse and Zenerzap
reverse breakdown voltage trim during wafer sort
to offer four output voltage tolerances, ranging from
0.1% (maximum) for the A grade to 1% (maximum) for
the D grade. Thus, a great deal of flexibility is offered
to designers in choosing the best cost-to-performance
ratio for their applications.
Packaged in space-saving SC-70 and SOT-23-3
packages and requiring a minimum current of 45μA
(typical), the LM4040 also is designed for portable
applications. The LM4040xI is characterized for
operation over an ambient temperature range of –
40°C to 85°C. The LM4040xQ is characterized for
operation over an ambient temperature range of –
40°C to 125°C.




Similar Part No. - LM4040C20ILPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040C20ILPR TI-LM4040C20ILPR Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040C20ILPR VISHAY-LM4040C20ILPR Datasheet
574Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040C20ILPR TI-LM4040C20ILPR Datasheet
664Kb / 50P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C20ILPR TI-LM4040C20ILPR Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C20ILPR TI-LM4040C20ILPR Datasheet
709Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Similar Description - LM4040C20ILPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_16 Datasheet
1Mb / 67P
LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com