Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAH Datasheet (PDF) - TDK Electronics

PAH Datasheet PDF - TDK Electronics
Part # PAH
Download  PAH Download
File Size   1818.52 Kbytes
Page   82 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single / Dual Output 50-450W

PAH Datasheet (PDF)

Go To PDF Page Download Datasheet
PAH Datasheet PDF - TDK Electronics

Part # PAH
Download  PAH Click to download

File Size   1818.52 Kbytes
Page   82 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Single / Dual Output 50-450W

PAH Datasheet (HTML) - TDK Electronics


PAH Product details

■ Features
● Half brick industry standard size (61×12.7×57.9 mm)
● High power density (industry-leading level in 450W
full brick model)
● High efficiency: 92% (PAH450S48)
● Wide range of operating temperatures
(Baseplate temperature: -40 to +100℃ except PAH
200H)
● Wide variation
● Built-in capacitor: Ceramic capacitor only (high reliability)
(Organic polymer semiconductor capacitor is also used
for output smoothing in PAH200H/PAH75D.)




Similar Part No. - PAH

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PAH NIEC-PAH Datasheet
251Kb / 4P
400A Avg 800 Volts
PAH NIEC-PAH Datasheet
260Kb / 4P
200A Avg 800 Volts
logo
Murata Power Solutions ...
PAH-28 MURATA-PS-PAH-28 Datasheet
705Kb / 21P
Isolated, 350-Watt, Half-Brick DC-DC Converters
2016.7.21
PAH-28/12.5-D24 MURATA-PS-PAH-28/12.5-D24 Datasheet
705Kb / 21P
Isolated, 350-Watt, Half-Brick DC-DC Converters
2016.7.21
PAH-28/12.5-D48 MURATA-PS-PAH-28/12.5-D48 Datasheet
705Kb / 21P
Isolated, 350-Watt, Half-Brick DC-DC Converters
2016.7.21
More results


Similar Description - PAH

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
RWS15A LAMBDA-RWS15A Datasheet
309Kb / 4P
Single output 15W ~ 450W
logo
Mean Well Enterprises C...
SE-450 MEANWELL-SE-450 Datasheet
846Kb / 2P
450W Single Output Power Supply
HRP-450-3.3 MEANWELL-HRP-450-3.3 Datasheet
460Kb / 3P
450W Single Output with PFC Function
HRPG-450 MEANWELL-HRPG-450_11 Datasheet
478Kb / 3P
450W Single Output with PFC Function
SE-450_0903 MEANWELL-SE-450_0903 Datasheet
998Kb / 2P
450W Single Output Power Supply
SE-450_1109 MEANWELL-SE-450_1109 Datasheet
315Kb / 2P
450W Single Output Power Supply
HRPG-450_1108 MEANWELL-HRPG-450_1108 Datasheet
477Kb / 3P
450W Single Output with PFC Function
HRP-450_1108 MEANWELL-HRP-450_1108 Datasheet
460Kb / 3P
450W Single Output with PFC Function
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
450W Single Output Medical Type
LRS-450 MEANWELL-LRS-450 Datasheet
610Kb / 4P
450W Single Output Switching Power Supply
2022-09-13
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com