Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M07-1034H30000E Datasheet (PDF) - Elma Electronic Ltd

M07-1034H30000E Datasheet PDF - Elma Electronic Ltd
Part # M07-1034H30000E
Download  M07-1034H30000E Download
File Size   711.53 Kbytes
Page   5 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description CODED SWITCH

M07-1034H30000E Datasheet (PDF)

Go To PDF Page Download Datasheet
M07-1034H30000E Datasheet PDF - Elma Electronic Ltd

Part # M07-1034H30000E
Download  M07-1034H30000E Click to download

File Size   711.53 Kbytes
Page   5 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description CODED SWITCH

M07-1034H30000E Datasheet (HTML) - Elma Electronic Ltd


M07-1034H30000E Product details

MAIN FEATURES
RUGGED
› Gray, Hex or BCD coding 2 to 16 positions
› Ruggedised stainless steel 6 mm tapped shaft
› Switching torque: 4.5 Ncm
› Switching mode: Shorting or non-shorting
› Gold plated contacts, nickel silver bushing
› THT vertical or horizontal
› IP68 front panel sealing (up to 5 bar)
› Operating temperature range: -40 to +85 °C
› Various options and customizations




Similar Part No. - M07-1034H30000E

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
M0750-102-5-000 AMP-M0750-102-5-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
VBsemi Electronics Co.,...
M07X VBSEMI-M07X Datasheet
450Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - M07-1034H30000E

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDMC7902 SCHNEIDER-XCSDMC7902 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMC7912 SCHNEIDER-XCSDMC7912 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMC79010 SCHNEIDER-XCSDMC79010 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMC79110 SCHNEIDER-XCSDMC79110 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMP7902 SCHNEIDER-XCSDMP7902 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP7912 SCHNEIDER-XCSDMP7912 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP79010 SCHNEIDER-XCSDMP79010 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMR7915 SCHNEIDER-XCSDMR7915 Datasheet
93Kb / 2P
coded magnetic switch XCSDMR - 2 NC - staggered - 5m
Feb 8, 2021
logo
Lorlin Electronics Ltd.
BCKS LORLIN-BCKS Datasheet
723Kb / 2P
BCKS BINARY CODED ROTARY SWITCH IP66/IP67
GCKS LORLIN-GCKS Datasheet
699Kb / 2P
GCKS GRAY CODED ROTARY SWITCH IP66/IP67
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com