Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA296B Datasheet (PDF) - Texas Instruments

INA296B Datasheet PDF - Texas Instruments
Part # INA296B
Download  INA296B Download
File Size   2968.77 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier

INA296B Datasheet (PDF)

Go To PDF Page Download Datasheet
INA296B Datasheet PDF - Texas Instruments

Part # INA296B
Download  INA296B Click to download

File Size   2968.77 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA296x-Q1 AEC-Q100, –5V to 110V, Bidirectional, 1.1MHz, 8V/μs, Ultra-Precise Current Sense Amplifier

INA296B Datasheet (HTML) - Texas Instruments


INA296B Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature Grade 1: −40°C to 125°C, TA
– Temperature Grade 0: −40°C to 150°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide common-mode voltage:
– Operational voltage: −5V to 110V
– Survival voltage: −20V to 120V
• Bidirectional operation
• High small signal bandwidth: 1.1MHz (at all gains)
• Slew rate: 8V/μs
• Step response settling time to 1%: 1μs
• Excellent CMRR: 166dB
• Accuracy:
– Gain error (maximum)
• Version A: ±0.01%, ±1ppm/°C drift
• Version B: ±0.1%, ±5ppm/°C drift
– Offset voltage (maximum)
• Version A: ±10μV, ±0.1μV/°C drift
• Version B: ±150μV, ±0.5μV/°C drift
• Available gains:
– INA296A1-Q1 : 10V/V
– INA296A2-Q1 : 20V/V
– INA296A3-Q1 : 50V/V
– INA296A4-Q1 : 100V/V
– INA296A5-Q1 : 200V/V
• Package options: SOT23-8, VSSOP-8, SOIC-8,
VSSOP-10

2 Applications
• DC/DC converter
• Battery management systems (BMS)
• Fuel cell control unit
• Smart junction box

3 Description
The INA296x-Q1 is an ultra-precise, bidirectional
current sense amplifier that can measure voltage
drops across shunt resistors over a wide commonmode
range from –5V to 110V, independent of
the supply voltage. The high-precision current
measurement is achieved through a combination of
low offset voltage (±10μV, maximum), small gain error
(±0.01%, maximum) and a high DC CMRR (typical
166dB). The INA296x-Q1 is not only designed for high
voltage, bidirectional DC current measurements, but
also for high-speed applications (such as transient
detection and fast overcurrent protection) with a high
signal bandwidth of 1.1MHz and fast settling time.
The INA296x-Q1 operates from a supply of 2.7V to
20V, drawing 2.5mA of supply current. The INA296x-
Q1 is available in five gain options: 10V/V, 20V/V,
50V/V, 100V/V, and 200V/V. Multiple gain options
allow for optimization between available shunt resistor
values and wide output dynamic range requirements.
The INA296x-Q1 Grade 1 is specified over operating
temperature range of −40°C to 125°C and Grade 0
over operating temperature range of −40°C to 150°C.




Similar Part No. - INA296B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA296B TI-INA296B Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296B TI-INA296B Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296B TI-INA296B Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296B TI-INA296B Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296B TI-INA296B Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
More results


Similar Description - INA296B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA190-Q1 TI-INA190-Q1_V01 Datasheet
2Mb / 39P
INA190-Q1 AEC-Q100, 40-V, Bidirectional, Ultra-Precise Current Sense Amplifier With picoamp IB and ENABLE
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A-Q1 TI-INA296A-Q1 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V01 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V02 Datasheet
2Mb / 38P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A-Q1 TI-INA296A-Q1_V03 Datasheet
2Mb / 39P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com