Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF11704 Datasheet (PDF) - Texas Instruments

BUF11704 Datasheet PDF - Texas Instruments
Part # BUF11704
Download  BUF11704 Download
File Size   2447.96 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-V SUPPLY MULTI-CHANNEL GAMMA CORRECTION BUFFER

BUF11704 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF11704 Datasheet PDF - Texas Instruments

Part # BUF11704
Download  BUF11704 Click to download

File Size   2447.96 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-V SUPPLY MULTI-CHANNEL GAMMA CORRECTION BUFFER

BUF11704 Datasheet (HTML) - Texas Instruments


BUF11704 Product details

FEATURES
Wide Supply Range: 4.5 V to 18 V
Gamma Correction Channels: 10, 6, and 4
Integrated VCOM Buffer
Excellent Output Current Drive:
− Gamma Channels:
> 30 mA at 0.5 V Swing to Rails(1)
− VCOM:
> 100 mA typ at 2 V Swing to Rails(1)
Large Capacitive Load Drive Capability
Rail-to-Rail Output
PowerPAD Package
Low-Power/Channel: < 500 μA
High ESD Rating: 8 kV HBM, 2 kV CDM,
300 V MM
Specified for −25°C to +85°C

DESCRIPTION
The BUFxx704 are a series of multi-channel buffers
targeted towards gamma correction in high-resolution
LCD panels. They are pin-compatible with the existing
BUFxx702 and BUFxx703 families and operate at
higher supply voltages up to 18 V (19 V absolute max).
The higher supply voltage enables faster response
times and brighter images in large-screen LCD panels.
This is especially important in LCD TV applications.
The number of gamma correction channels required
depends on a variety of factors and differs greatly from
design to design. Therefore, 10, 6, and 4 channel
options are offered. For additional space and cost
savings, a VCOM channel with > 100mA drive capability
is integrated into the BUF11704, BUF07704, and
BUF05704.
The BUF11704, BUF07704, BUF06704, and
BUF05704 are available in the TSSOP-28, TSSOP-20,
TSSOP-16, and TSSOP-14 PowerPAD packages for
dramatically increased power dissipation capability.
This way, a large number of channels can be handled
safely in one package.
A flow-through pinout has been adopted to allow simple
PCB routing and maintain the cost-effectiveness of this
solution. All inputs and outputs of the BUFxx704
incorporate internal ESD protection circuits that prevent
functional failures at voltages up to 8 kV (HBM), 2 kV
(CDM), and 300 V (MM).




Similar Part No. - BUF11704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11704 BURR-BROWN-BUF11704 Datasheet
370Kb / 25P
18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF11704 TI1-BUF11704 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
BUF11704 TI2-BUF11704 Datasheet
907Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
REVISED JULY 2011
More results


Similar Description - BUF11704

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
18-Channel Gamma Buffer with Regulator
7/04-Revision 0
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
BUF05704 BURR-BROWN-BUF05704 Datasheet
370Kb / 25P
18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Analog Devices
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
18-Channel Gamma Buffer with Regulator
10/04-Revision 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
18-Channel Gamma Buffer with Regulator
REV. 0
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
Multi-Channel LCD Gamma Correction Buffer
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
Multi-channel System Power Supply IC Gamma Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com