Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT0477 Datasheet (PDF) - DFROBOT

FIT0477 Datasheet PDF - DFROBOT
Part # FIT0477
Download  FIT0477 Download
File Size   80.6 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 7-inch 1024x600 IPS Display for LattePanda

FIT0477 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIT0477 Datasheet PDF - DFROBOT

Part # FIT0477
Download  FIT0477 Click to download

File Size   80.6 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 7-inch 1024x600 IPS Display for LattePanda

FIT0477 Datasheet (HTML) - DFROBOT


FIT0477 Product details

SPECIFICATION
 7 inch IPS display
 1024*600 high resolution
 Dimension: 164.0mm x 96.0mm x 2.6mm
 Supports LattePanda
 10cm FPC extension cable




Similar Part No. - FIT0477

ManufacturerPart #DatasheetDescription
logo
DFROBOT
FIT0471 DFROBOT-FIT0471 Datasheet
81Kb / 2P
DC-DC Boost Module (0.9-5V)
More results


Similar Description - FIT0477

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
FND310C QT-FND310C Datasheet
311Kb / 3P
0.362-INCH 7-SEGMENT DISPLAY
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
0.56 inch Dual Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5645AB LIGHTKEY-LD5645AB Datasheet
161Kb / 3P
0.56 inch Four Digit 7 Segment LED Display
LD23011AB LIGHTKEY-LD23011AB Datasheet
158Kb / 3P
2.30 inch Single Digit 7 Segment LED Display
logo
Crystalfontz America, I...
CFAF240400C0-030SC CRYSTAIFONTZ-CFAF240400C0-030SC Datasheet
2Mb / 22P
IPS TFT DISPLAY MODULE
CFAF240400E0-030TN CRYSTAIFONTZ-CFAF240400E0-030TN Datasheet
2Mb / 22P
IPS TFT DISPLAY MODULE
logo
Bridgetek Pte Ltd.
IDM2040-7A BRIDGETEK-IDM2040-7A Datasheet
2Mb / 29P
Intelligent Display Module 7 inch for LDSBus/DMX controller
Version 1.0
logo
Logic Fruit Technologie...
DISPLAY-PORT-IP LFTECH-DISPLAY-PORT-IP Datasheet
6Mb / 5P
DISPLAY PORT IPs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com