Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0918 Datasheet (PDF) - DFROBOT

DFR0918 Datasheet PDF - DFROBOT
Part # DFR0918
Download  DFR0918 Download
File Size   333.59 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description ESP32-S3-WROOM-1-N4 Module(PCB Antenna)

DFR0918 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0918 Datasheet PDF - DFROBOT

Part # DFR0918
Download  DFR0918 Click to download

File Size   333.59 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description ESP32-S3-WROOM-1-N4 Module(PCB Antenna)

DFR0918 Datasheet (HTML) - DFROBOT


DFR0918 Product details

FEATURES
- Colorful silkscreen for a quick view
- Port level status indicators for easy test, debugging and post-maintenance
- Multiple GND, 3.3V, and 5V ports broken out for simple wiring




Similar Part No. - DFR0918

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0921 DFROBOT-DFR0921 Datasheet
5Mb / 8P
Terminal Block Shield for Arduino Mega Wiki
2023/10/12
DFR0923 DFROBOT-DFR0923 Datasheet
729Kb / 3P
Terminal Block Board for FireBeetle 2 ESP32-E loT Microcontroller
3-14-23
DFR0924 DFROBOT-DFR0924 Datasheet
433Kb / 3P
Terminal Block Board for Raspberry Pi Pico
3-14-23
DFR0928 DFROBOT-DFR0928 Datasheet
425Kb / 3P
Fermion: 1.8 128x160 IPS TFT LCD Display with microSD Card Slot (Breakout)
3-14-23
DFR0936 DFROBOT-DFR0936 Datasheet
371Kb / 2P
I2C RGB Backlight LCD 16x2 Display Module for Arduino (RGB Text)
3-14-23
More results


Similar Description - DFR0918

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-L250 RALTRON-RPC-900-W5-GSM-L250 Datasheet
196Kb / 2P
PCB ANTENNA
RPC-GSDE-P-4807-UFL-Y RALTRON-RPC-GSDE-P-4807-UFL-Y Datasheet
160Kb / 1P
PCB ANTENNA
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-WROOM-32 ESPRESSIF-ESP-WROOM-32 Datasheet
518Kb / 25P
This document provides the specifications for the ESP32-WROOM-32 module
logo
SparkFun Electronics
PRT-14311 SPARKFUN-PRT-14311 Datasheet
85Kb / 1P
ESP32 Thing Stackable Header Set
6??2??7
WRL-15006 SPARKFUN-WRL-15006 Datasheet
205Kb / 2P
SparkFun LoRa Gateway - 1-Channel (ESP32)
11??0??8
logo
PHOENIX CONTACT
2701545 PHOENIX-2701545 Datasheet
1Mb / 31P
Digital module - AXL E S3 DIO16 M12 6P
Dec 30, 2022
2701544 PHOENIX-2701544 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI16 M12 6P
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32S3 ESPRESSIF-ESP32S3 Datasheet
1Mb / 7P
ESP32-S3-DevKitC-1
2021
logo
Arduino
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com