Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0571 Datasheet (PDF) - DFROBOT

DFR0571 Datasheet PDF - DFROBOT
Part # DFR0571
Download  DFR0571 Download
File Size   310.38 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description DC-DC Buck-Mode Power Module (8~28V to 5V 3A)

DFR0571 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0571 Datasheet PDF - DFROBOT

Part # DFR0571
Download  DFR0571 Click to download

File Size   310.38 Kbytes
Page   4 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description DC-DC Buck-Mode Power Module (8~28V to 5V 3A)

DFR0571 Datasheet (HTML) - DFROBOT


DFR0571 Product details

FEATURES
 Small size, stable performance, wide voltage range for a variety of DIY applications




Similar Part No. - DFR0571

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0570 DFROBOT-DFR0570 Datasheet
1Mb / 4P
DC-DC Buck-Mode Power Module (5.5~28V to 3.3V 3A)
8-7-18
DFR0575 DFROBOT-DFR0575 Datasheet
579Kb / 8P
Beetle ESP32 Microcontroller
12-6-18
DFR0576 DFROBOT-DFR0576 Datasheet
908Kb / 7P
Gravity: Digital 1-to-8 I2C Multiplexer SKU:DFR0576
9-11-18
DFR0577 DFROBOT-DFR0577 Datasheet
347Kb / 7P
Gravity: I/O Expansion Shield for Pyboard SKU:DFR0577
10-23-18
DFR0578 DFROBOT-DFR0578 Datasheet
309Kb / 7P
Gravity: I/O Expansion Shield for OpenMV Cam M7 SKU:DFR0578
11-12-18
More results


Similar Description - DFR0571

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
3A 380KHz 28V PWM Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
1MHz 3A Buck DC/DC Switch Mode Regulator
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
3A 380KHz 18V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
3A 150KHz 40V Buck DC to DC Converter
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
3A, 1.5MHz, 28V Step-down DC/DC
logo
XLSEMI
XL1583 XLSEMI-XL1583 Datasheet
190Kb / 9P
3A 380KHz 23V Buck DC to DC Converter
logo
First Silicon Co., Ltd
FAC1583 FS-FAC1583 Datasheet
414Kb / 11P
3A 380KHZ 28V PWM Buck DC/DC Converter
logo
AiT Semiconductor Inc.
A7332 AITSEMI-A7332 Datasheet
658Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 3A, 500kHz, SYNCHRONOUS
REV1.1 - DEC 2018
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
logo
TECHCODE SEMICONDUCTOR,...
TD1583 TECHCODE-TD1583 Datasheet
655Kb / 16P
3A 380KHz 28V PWM Buck DC/DC Converter
December, 23, 2009.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com