Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3101IRHBR Datasheet (PDF) - Texas Instruments

TLV320AIC3101IRHBR Datasheet PDF - Texas Instruments
Part # TLV320AIC3101IRHBR
Download  TLV320AIC3101IRHBR Download
File Size   2314.04 Kbytes
Page   99 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320AIC3101 Low-Power Stereo Audio Codec for Portable Audio/Telephony

TLV320AIC3101IRHBR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV320AIC3101IRHBR Datasheet PDF - Texas Instruments

Part # TLV320AIC3101IRHBR
Download  TLV320AIC3101IRHBR Click to download

File Size   2314.04 Kbytes
Page   99 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV320AIC3101 Low-Power Stereo Audio Codec for Portable Audio/Telephony

TLV320AIC3101IRHBR Datasheet (HTML) - Texas Instruments


TLV320AIC3101IRHBR Product details

1 Features
1• Stereo Audio DAC
– 102-dBA Signal-to-Noise Ratio
– 16/20/24/32-Bit Data
– Supports Sample Rates From 8 kHz to 96 kHz
– 3D/Bass/Treble/EQ/De-Emphasis Effects
– Flexible Power Saving Modes and Performance are Available
• Stereo Audio ADC
– 92-dBA Signal-to-Noise Ratio
– Supports Sample Rates From 8 kHz to 96 kHz
– Digital Signal Processing and Noise Filtering
Available During Record
• Six Audio Input Pins
– One Stereo Pair of Single-Ended Inputs
– One Stereo Pair of Fully Differential Inputs
• Six Audio Output Drivers
– Stereo Fully Differential or Single-Ended
Headphone Drivers
– Fully Differential Stereo Line Outputs
– Stereo 8-Ω, 500-mW/Channel Speaker Drive
Capability
• Low Power: 14-mW Stereo 48-kHz Playback With
3.3-V Analog Supply
• Ultralow-Power Mode With Passive Analog
Bypass
• Programmable Input/Output Analog Gains
• Automatic Gain Control (AGC) for Record
• Programmable Microphone Bias Level
• Programmable PLL for Flexible Clock Generation
• I2C Control Bus
• Audio Serial Data Bus Supports I2S, Left/Right-
Justified, DSP, and TDM Modes
• Extensive Modular Power Control
• Power Supplies:
– Analog: 2.7 V–3.6 V.
– Digital Core: 1.525 V–1.95 V
– Digital I/O: 1.1 V–3.6 V
• Package: 5-mm × 5-mm 32-Pin QFN

2 Applications
• Digital Cameras
• Smart Cellular Phones

3 Description
The TLV320AIC3101 is a low-power stereo audio
codec with stereo headphone amplifier, as well as
multiple inputs and outputs that are programmable in
single-ended or fully differential configurations.
Extensive register-based power control is included, enabling stereo 48-kHz DAC playback as low as 14
mW from a 3.3-V analog supply, making it ideal for
portable battery-powered audio and telephony
applications.
The record path of the TLV320AIC3101 contains
integrated microphone bias, digitally controlled stereo
microphone preamplifier, and automatic gain control
(AGC), with mix/mux capability among the multiple
analog inputs. Programmable filters are available
during record which can remove audible noise that
can occur during optical zooming in digital cameras.
The playback path includes mix/mux capability from
the stereo DAC and selected inputs, through programmable volume controls, to the various
outputs.




Similar Part No. - TLV320AIC3101IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3101IRHBR TI-TLV320AIC3101IRHBR Datasheet
1Mb / 95P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101IRHBR TI1-TLV320AIC3101IRHBR Datasheet
2Mb / 98P
Low-Power Stereo Audio Codec for Portable Audio/Telephony
More results


Similar Description - TLV320AIC3101IRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI-TLV320AIC3101_15 Datasheet
1Mb / 98P
TLV320AIC3101 Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
Low-Power Stereo Audio Codec for Portable Audio/Telephony
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com