Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA6LRE211G1. Datasheet (PDF) - E-SWITCH

PVA6LRE211G1. Datasheet PDF - E-SWITCH
Part # PVA6LRE211G1.
Download  PVA6LRE211G1. Download
File Size   1027.18 Kbytes
Page   5 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PVA6 Series Anti-vandal Switch

PVA6LRE211G1. Datasheet (PDF)

Go To PDF Page Download Datasheet
PVA6LRE211G1. Datasheet PDF - E-SWITCH

Part # PVA6LRE211G1.
Download  PVA6LRE211G1. Click to download

File Size   1027.18 Kbytes
Page   5 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description PVA6 Series Anti-vandal Switch

PVA6LRE211G1. Datasheet (HTML) - E-SWITCH


PVA6LRE211G1. Product details

F
eatures & Benefits
PVA6
•
16mm diameter panel cutout
•
Solder lug or wire leads (500 mm long) termination
•
Ring or power symbol illumination options
•
Multiple actuator options
•
IP67 rated, Off-(On), SPST
•
Multiple LED colors available
PVA6L - Latching Version
•
16mm diameter panel cutout
•
Solder lug termination
•
Ring illumination
•
IP67 rated, Off-On Latching, SPST
•
Multiple LED colors available




Similar Part No. - PVA6LRE211G1.

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PVA ITT-PVA Datasheet
191Kb / 3P
Short Stroke Key Switches
logo
C&K Components
PVA CK-COMPONENTS-PVA Datasheet
182Kb / 3P
Short Stroke Key Switches
logo
Banner Engineering Corp...
PVA BANNER-PVA Datasheet
525Kb / 8P
PVA Pick-to-Light Array
logo
C&K Components
PVA CK-COMPONENTS-PVA Datasheet
291Kb / 3P
Short Stroke Key Switches
24 may 19
logo
VIGO Photonics S.A.
PVA VIGO-PVA Datasheet
637Kb / 2P
2.4 – 5.3 μm InAs and InAsSb ambient temperature photovoltaic detectors
04/05/2022
More results


Similar Description - PVA6LRE211G1.

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV0 E-SWITCH-PV0 Datasheet
1Mb / 4P
pV0 SerieS anti-Vandal Switch
PV9 E-SWITCH-PV9 Datasheet
980Kb / 3P
pV9 SerieS anti-Vandal Switch
ULV4 E-SWITCH-ULV4 Datasheet
1Mb / 4P
ULV4 Series Anti-vandal Switch
ULV7 E-SWITCH-ULV7 Datasheet
885Kb / 4P
ulV7 SerieS anti-Vandal Switch
ULV8 E-SWITCH-ULV8 Datasheet
1Mb / 3P
ULV8 Series Anti-vandal Switch
PV6 E-SWITCH-PV6_16 Datasheet
842Kb / 2P
pV6 SerieS anti-Vandal Switch
logo
C&K Components
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
E-SWITCH
PVK4 E-SWITCH-PVK4 Datasheet
1Mb / 8P
PVK4 Series Anti-vandal Switch
11.29.2022
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com