Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0379 Datasheet (PDF) - DFROBOT

DFR0379 Datasheet PDF - DFROBOT
Part # DFR0379
Download  DFR0379 Download
File Size   387.02 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 20W Adjustable DC-DC Buck Converter with Digital Display

DFR0379 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0379 Datasheet PDF - DFROBOT

Part # DFR0379
Download  DFR0379 Click to download

File Size   387.02 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 20W Adjustable DC-DC Buck Converter with Digital Display

DFR0379 Datasheet (HTML) - DFROBOT


DFR0379 Product details

FEATURES
 Supports self-calibration function to provide high-precision voltage output. (Recommended input voltage is maintained at 4.5V
or more)
 Touch the button to switch the measurement input or output voltage, and an indicator shows which voltage is being measured.
 The display can be disabled if necessary. Hold the button for 2 seconds, and release the button to turn off the display
 With wire terminals, no soldering is necessary
 The input voltage is 4.0 ~ 40V. (The input voltage must be 1.5V higher than the output voltage)
 Continuously adjustable output voltage range of 1.25V ~ 37V. (The input voltage must be 1.5V higher than the output voltage)
 The Maximum output current is 3A, it is recommended to use within 2.0A, higher currents will need a heatsink to dissipate
heat.
 The output power is 20W. For more than 15W a heatsink is recommended.
 The unit offers high conversion efficiency, with an average of 88%
 The unit includes reverse polarity protection, overheating protection and short circuit protection




Similar Part No. - DFR0379

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0370 DFROBOT-DFR0370 Datasheet
623Kb / 41P
CAN‐BUS Shield V2 (SKU: DFR0370)
6-7-17
DFR0371 DFROBOT-DFR0371 Datasheet
256Kb / 4P
IO Expansion Shield for Bluno M3 SKU:DFR0371
DFR0374 DFROBOT-DFR0374 Datasheet
150Kb / 5P
LCD Keypad Shield V2.0 SKU: DFR0374
DFR0375 DFROBOT-DFR0375 Datasheet
490Kb / 5P
Cookie I/O Expansion Shield V2 SKU: DFR0375
More results


Similar Description - DFR0379

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WDD2-03S1 ETC-WDD2-03S1 Datasheet
153Kb / 3P
DC-DC CONVERTER 15 ~ 20W
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
20W Regulated DC/DC Converter
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
20W, AC-DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
20W, AC/DC converter
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
20W, AC-DC converter
logo
HY-LINE Power Component...
P20A12S1P5 HY-LINE-P20A12S1P5 Datasheet
193Kb / 2P
20W DC-DC Converter P20A-Series
Rev: 3 / 06 f
P20D123R3S HY-LINE-P20D123R3S Datasheet
334Kb / 3P
20W DC-DC Converter P20D-Series
Rev: 03/10 f
P20G123R3S HY-LINE-P20G123R3S Datasheet
813Kb / 4P
20W DC-DC Converter P20G-Series
Rev: 12.11 f
P20Z12S33 HY-LINE-P20Z12S33 Datasheet
175Kb / 2P
20W DC-DC Converter P20Z-Series
Rev: 5 / 2005 f
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com