Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPLD2001 Datasheet (PDF) - Texas Instruments

TPLD2001 Datasheet PDF - Texas Instruments
Part # TPLD2001
Download  TPLD2001 Download
File Size   3972.2 Kbytes
Page   237 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPLD2001-Q1 Automotive Programmable Logic Device with 18-GPIO and Selectable I2C/SPI

TPLD2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPLD2001 Datasheet PDF - Texas Instruments

Part # TPLD2001
Download  TPLD2001 Click to download

File Size   3972.2 Kbytes
Page   237 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPLD2001-Q1 Automotive Programmable Logic Device with 18-GPIO and Selectable I2C/SPI

TPLD2001 Datasheet (HTML) - Texas Instruments


TPLD2001 Product details

1 Features
• Operating characteristics
– Extended temperature range: -40°C to 125°C
– Wide supply voltage range: 1.71V to 5.5V
– Qualified for automotive applications
• Configurable macro-cells
– 2-, 3-, and 4-bit lookup tables (LUT)
– D-type flip-flops and latches with and without
reset/set option
– 8-bit shift register
– 16-bit pattern generator
– Counters and delay generators
– PWM generators
– Programmable deglitch filter or edge detector
– Discrete analog comparators
– Multi-channel sampling analog comparator with
multi-voltage reference select
– Voltage reference and Analog temperature
sensor
– Analog multiplexers
– Oscillators
• Flexible digital I/O features
– All digital signals can be routed to any GPIO
––
Digital input modes: digital in with and without
Schmitt-trigger, low-voltage digital in
– Digital output modes: push-pull, open-drain
NMOS, tri-state
• Development tools
– TPLD2001-Q1 evaluation module
– TPLD programmer
– InterConnect Studio

2 Applications
• Wearables
• PC & notebooks
• Personal electronics
• Factory automation & control
• Gaming applications
• Communications equipment
• Automotive

3 Description
The TPLD2001-Q1 is part of the TI Programmable
Logic Device (TPLD) family of devices that feature
versatile programmable logic ICs with combinational
logic, sequential logic, and analog blocks. TPLD
provides an integrated, compact, low power solution
to implement common system functions, such as
timing delays, voltage monitors, system resets, power
sequencers, I/O expanders, and more. This costoptimized
device offers a rich set of functionality in
a small form factor, supports an extended temperature
range from -40°C to 125°C, and operates with supply
voltages ranging from 1.71V to 5.5V.
System designers can create circuits and configure
the macro-cells, I/O pins, and interconnections
by temporarily emulating the non-volatile memory
or by permanently programming the one-time
programmable (OTP) via InterConnect Studio. The
TPLD2001-Q1 is supported by an extensive hardware
and software ecosystem with application notes,
reference designs and design examples. Visit ti.com
for more information and access to design tools.




Similar Part No. - TPLD2001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPLD2001 TI2-TPLD2001 Datasheet
4Mb / 240P
TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
JULY 2025
TPLD2001 TI2-TPLD2001 Datasheet
3Mb / 231P
TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
REVISED FEBRUARY 2026
TPLD2001 TI2-TPLD2001 Datasheet
4Mb / 234P
TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
REVISED FEBRUARY 2026
TPLD2001-Q1 TI2-TPLD2001-Q1 Datasheet
4Mb / 240P
TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
JULY 2025
TPLD2001-Q1 TI2-TPLD2001-Q1 Datasheet
3Mb / 231P
TPLD2001 Programmable Logic Device with 18-GPIO and Selectable I2C/SPI
REVISED FEBRUARY 2026
More results


Similar Description - TPLD2001

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
logo
Texas Instruments
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
logo
Altera Corporation
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
DAC43901-Q1 TI1-DAC43901-Q1 Datasheet
2Mb / 59P
DAC4390x-Q1 Automotive Smart DACs for Logarithmic Fade-In Fade-Out and Sequential Turn Animation With I2C, SPI, GPIO, and PWM Interfaces
SEPTEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com