Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA299 Datasheet (PDF) - Texas Instruments

INA299 Datasheet PDF - Texas Instruments
Part # INA299
Download  INA299 Download
File Size   2495.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA299 -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier

INA299 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA299 Datasheet PDF - Texas Instruments

Part # INA299
Download  INA299 Click to download

File Size   2495.07 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA299 -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier

INA299 Datasheet (HTML) - Texas Instruments


INA299 Product details

1 Features
• Wide common-mode voltage:
– Operational voltage: −2V to +80V
– Survival voltage: −12V to +85V
• Bidirectional operation
• High small signal bandwidth: 650kHz (20V/V Gain)
• Slew rate: 2.5V/μs
• Step response settling time to 1%: 6.5μs
• High CMRR: 120dB
• Gain error (maximum) : ±0.25%, ±10ppm/°C drift
• Offset voltage (maximum): ±150μV, ±0.5μV/°C drift
• Operates from 2.7V to 12V supply
• Operational current: 650μA
• Available gains:
– INA299A1: 20V/V
– INA299A2: 50V/V
– INA299A3: 100V/V
• Package options: SOT23-6 (DBV)

2 Applications
• DC/DC Converter
• ESS battery management systems (BMS)
• Macro remote radio unit (RRU)
• 48V rack server
• 48V merchant network & server power supply
(PSU)

3 Description
The INA299 is a precise, bidirectional current sense
amplifier that can measure voltage drops across shunt
resistors over a wide common-mode range from –2V
to 80V, independent of the supply voltage. The highprecision
current measurement is achieved through a
combination of low offset voltage (±150μV, maximum),
small gain error (±0.25%, maximum) and a high
DC CMRR (typical 120dB). The INA299 is not only
designed for high voltage, bidirectional DC current
measurements, but also for high-speed applications
(such as transient detection and fast overcurrent
protection) with a high signal bandwidth of 650kHz
and fast settling time.
The INA299 operates from a single 2.7V to 12V
supply, drawing 650μA of supply current. The INA299
is available in three gain options: 20V/V, 50V/V,
100V/V. Multiple gain options allow for optimization
between available shunt resistor values and wide
output dynamic range requirements.
The INA299 is specified over operating temperature
range of −40°C to +125°C and is offered in a 6-pin
SOT-23 package.




Similar Part No. - INA299

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA299 TI2-INA299 Datasheet
2Mb / 28P
INA299-Q1 AEC-Q100, -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier
JULY 2025
INA299-Q1 TI2-INA299-Q1 Datasheet
2Mb / 28P
INA299-Q1 AEC-Q100, -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier
JULY 2025
INA299-Q1 TI2-INA299-Q1_V01 Datasheet
2Mb / 28P
INA299-Q1 AEC-Q100, -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier
JULY 2025
INA299A1QDBVRQ1 TI2-INA299A1QDBVRQ1 Datasheet
2Mb / 28P
INA299-Q1 AEC-Q100, -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier
JULY 2025
INA299A2QDBVRQ1 TI2-INA299A2QDBVRQ1 Datasheet
2Mb / 28P
INA299-Q1 AEC-Q100, -2V to 80V, Bi-directional, 650kHz, High-Precision Current Sense Amplifier
JULY 2025
More results


Similar Description - INA299

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
logo
Linear Technology
LTC6104 LINER-LTC6104_15 Datasheet
315Kb / 16P
High Voltage, High Side, Bi-Directional Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
Zero-Drift, Bi-directional Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX49921 MAXIM-MAX49921 Datasheet
432Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com