Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ACT153PWR Datasheet (PDF) - Texas Instruments

SN74ACT153PWR Datasheet PDF - Texas Instruments
Part # SN74ACT153PWR
Download  SN74ACT153PWR Download
File Size   1784.06 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74ACT153 Dual 4-Line to 1-Line Data Selector/Multiplexer

SN74ACT153PWR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74ACT153PWR Datasheet PDF - Texas Instruments

Part # SN74ACT153PWR
Download  SN74ACT153PWR Click to download

File Size   1784.06 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74ACT153 Dual 4-Line to 1-Line Data Selector/Multiplexer

SN74ACT153PWR Datasheet (HTML) - Texas Instruments


SN74ACT153PWR Product details

1 Features
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 8.2ns max

2 Applications
• Data selection
• Multiplexing

3 Description
The SN74ACT153 contains two 4-to-1 multiplexer/
data selectors with shared control logic.




Similar Part No. - SN74ACT153PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT153PWRQ1 TI2-SN74ACT153PWRQ1 Datasheet
1Mb / 30P
SN74ACT153-Q1 Automotive Dual 4-Line to 1-Line Data Selector/Multiplexer
JUNE 2025
More results


Similar Description - SN74ACT153PWR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
Dual 1-of-4 Line Data Selector/Multiplexer
DM74S153 FAIRCHILD-DM74S153 Datasheet
47Kb / 4P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
SN74HC253-EP TI1-SN74HC253-EP Datasheet
347Kb / 12P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC253-Q1 TI1-SN74HC253-Q1 Datasheet
197Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com