Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC8424AMD Datasheet (PDF) - Texas Instruments

DLPC8424AMD Datasheet PDF - Texas Instruments
Part # DLPC8424AMD
Download  DLPC8424AMD Download
File Size   2217.41 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPC8424, DLPC8444, and DLPC8454 High-Resolution Controllers

DLPC8424AMD Datasheet (PDF)

Go To PDF Page Download Datasheet
DLPC8424AMD Datasheet PDF - Texas Instruments

Part # DLPC8424AMD
Download  DLPC8424AMD Click to download

File Size   2217.41 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DLPC8424, DLPC8444, and DLPC8454 High-Resolution Controllers

DLPC8424AMD Datasheet (HTML) - Texas Instruments


DLPC8424AMD Product details

1 Features
• DLPC84x4 controllers support the following 1080p
DMDs:
– DLPC8424 supports the DLP230NP DMD up to
1080p at 60Hz and 540p at 120Hz (3D)
– DLPC8444 supports the DLP472NPDMD up to
1080p at 240Hz (2D) and 120Hz (3D)
– DLPC8454 supports the DLP473NE DMD up to
1080p at 240Hz (2D) and 120Hz (3D)
• Single V-by-One® HS video input port with 1, 2, 4,
or 8 lanes
– Up to 600MHz pixel clock and 2160p at 60Hz
– Up to 3.0Gbps per input transmission rate
• Two FPD-Link video input ports, 6 lanes per port
– Up to 300MHz pixel clock and 1080p at 120Hz
• Input formats supported
– RGB and YCbCr
– 4:4:4 and 4:2:2
• Internal Arm® processor
– 52 configurable GPIOs
– PWM generator
– Capture and delay timers
– USB 2.0 high-speed controller
– SPI and I2C controllers
– UART and interrupt controllers
• Warping engine
– 1D and 2D keystone correction
– Embedded partial frame memory for video
processing
• Additional image processing
– Overlap color support
– Variable refresh rate (VRR) support
– Rolling buffer for reduced frame latency
– DynamicBlack
– Frame rate multiplication
– Color coordinate adjustment
– Color temperature adjustment
– Programmable degamma
– Read-side spatial-temporal multiplexing
– Integrated support for 3-D display
• Splash screen display
• Serial flash for μP and PWM sequences
• System control
– DMD power and reset driver control
– DMD horizontal and vertical image flip
• JTAG boundary scan test support
• Supports LED, RGB laser, and laser-phosphor
illumination-based systems

2 Applications
• Mobile smart TV
• Mobile projector
• Digital signage
• Lifestyle projector
• Education and Enterprise projector (DLP473NE)

3 Description
The DLPC8424, DLPC8444, and DLPC8454 are
1080p FHD digital display controllers for TI DLP®
Products. The DLP chipset comprises one display
controller, one matched DMD, the DLPA3085 or
DLPA3082 power management IC, and the DLPA100
motor driver IC (for laser-phosphor illumination
systems only). This chipset fits display systems that
require high resolution and high brightness in a small
form factor. For reliable operation, the DLPC8424
or DLPC8444 or DLPC8454 display controller must
always be used with the correct DMD and the
DLPA3085 or DLPA3082 PMIC. Note: DLPA3085 is
not supported by the DLPC8454.




Similar Part No. - DLPC8424AMD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC8445 TI1-DLPC8445 Datasheet
516Kb / 5P
DLPC8445 High Resolution Controller
MAY 2024
DLPC8445 TI-DLPC8445 Datasheet
1Mb / 75P
DLPC8445 and DLPC8445V High-Resolution Controllers
OCTOBER 2024
DLPC8445 TI2-DLPC8445 Datasheet
2Mb / 73P
DLPC8445, DLPC8445V, and DLPC8455 High-Resolution Controllers
REVISED AUGUST 2025
DLPC8445AMD TI1-DLPC8445AMD Datasheet
516Kb / 5P
DLPC8445 High Resolution Controller
MAY 2024
DLPC8445AMD TI-DLPC8445AMD Datasheet
1Mb / 75P
DLPC8445 and DLPC8445V High-Resolution Controllers
OCTOBER 2024
More results


Similar Description - DLPC8424AMD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD389 AD-AD389 Datasheet
2Mb / 6P
HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
Hitachi Semiconductor
CML174SXW HITACHI-CML174SXW Datasheet
113Kb / 2P
High Resolution
logo
Hamamatsu Corporation
C7921CA-09 HAMAMATSU-C7921CA-09 Datasheet
125Kb / 6P
High resolution and high frame rate
logo
Intronics Power, Inc.
SHA1144 INTRONICS-SHA1144 Datasheet
1Mb / 6P
High Resolution 14-Bit Sample and Hold Amplifier
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
Small package and high resolution encoder module
logo
Kersemi Electronic Co.,...
MUR10120 KERSEMI-MUR10120 Datasheet
417Kb / 4P
SCANSWITCH For High and Very High Resolution Monitors
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
logo
Hamamatsu Corporation
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
Small package and high resolution encoder module
logo
Microchip Technology
DSPIC33CK64MP105 MICROCHIP-DSPIC33CK64MP105 Datasheet
4Mb / 530P
16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Resolution PWM
08/15/18
logo
Digital View Ltd
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com