Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTE424 Datasheet (PDF) - OSRAM GmbH

DTE424 Datasheet PDF - OSRAM GmbH
Part # DTE424
Download  DTE424 Download
File Size   187.58 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX T/E PLUS 42 W/840

DTE424 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTE424 Datasheet PDF - OSRAM GmbH

Part # DTE424
Download  DTE424 Click to download

File Size   187.58 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX T/E PLUS 42 W/840

DTE424 Datasheet (HTML) - OSRAM GmbH


DTE424 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industrial lighting

Product features
Average life: 20,000 h (with QUICKTRONIC)
Color rendering index R
a
: 80…89
Dimmable (3…100 %)
Short and compact pin-base lamp with triple-turn tubes
Single-ended four-pin plug-in GX24q base with shortened base casing




Similar Part No. - DTE424

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DTE40 XPPOWER-DTE40 Datasheet
457Kb / 4P
DC-DC Converter
DTE40 XPPOWER-DTE40 Datasheet
457Kb / 4P
DC-DC Converter
01 Dec 15
DTE4024S12 XPPOWER-DTE4024S12 Datasheet
457Kb / 4P
DC-DC Converter
DTE4024S12 XPPOWER-DTE4024S12 Datasheet
457Kb / 4P
DC-DC Converter
01 Dec 15
DTE4024S24 XPPOWER-DTE4024S24 Datasheet
457Kb / 4P
DC-DC Converter
More results


Similar Description - DTE424

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66325 EPCOS-B66325 Datasheet
78Kb / 2P
E 42/21/15 Core
B66329 EPCOS-B66329 Datasheet
109Kb / 3P
E 42/21/20 Core
logo
Everlight Electronics C...
67-21-Y2C-AP1Q1B-2T EVERLIGHT-67-21-Y2C-AP1Q1B-2T Datasheet
263Kb / 10P
T O P V ie w L E D s
67-21-Y2C-AS1T1-2T EVERLIGHT-67-21-Y2C-AS1T1-2T Datasheet
265Kb / 10P
T O P V ie w L E D s
logo
Adels-Contact
332982 ADELS-332982 Datasheet
111Kb / 1P
GSK 840 E VO/ 2 green printed "Earth"||" "1214053
GSK 840 E VO/ 3 green printed "Earth"||" "1214054
332983 ADELS-332983 Datasheet
111Kb / 1P
GSK 840 E VO/ 3 green printed
10/02/2020
332984 ADELS-332984 Datasheet
111Kb / 1P
GSK 840 E VO/ 4 green printed "Earth"||" "1214399
GSK 840 E VO/ 5 green printed "Earth"||" "1214400
332985 ADELS-332985 Datasheet
111Kb / 1P
GSK 840 E VO/ 5 green printed "Earth"
10/02/2020
332986 ADELS-332986 Datasheet
111Kb / 1P
GSK 840 E VO/ 6 green printed "Earth"
10/02/2020
logo
List of Unclassifed Man...
60492 ETC1-60492 Datasheet
5Mb / 2P
L I G H T W E I G H T & H E AV Y D U T Y K N E E PA D S L E E V E S
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com