Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4084 Datasheet (PDF) - OSRAM GmbH

DL4084 Datasheet PDF - OSRAM GmbH
Part # DL4084
Download  DL4084 Download
File Size   191.28 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 40 W/840 2G11

DL4084 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL4084 Datasheet PDF - OSRAM GmbH

Part # DL4084
Download  DL4084 Click to download

File Size   191.28 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 40 W/840 2G11

DL4084 Datasheet (HTML) - OSRAM GmbH


DL4084 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G11 base
Dimmable (1…100 % with QUICKTRONIC QTi DALI/DIM)
Color rendering index R
a
: 80…89
Average life: 20,000 h (with QUICKTRONIC)
Operates on battery, solar and AC power with suitable electronic control gear
Also available in blue




Similar Part No. - DL4084

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL40 ETC2-DL40 Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-F-01M ETC2-DL40-F-01M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-F-11M ETC2-DL40-F-11M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-P-01M ETC2-DL40-P-01M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL40-P-11M ETC2-DL40-P-11M Datasheet
89Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
More results


Similar Description - DL4084

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
Satco Products, Inc.
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6767 SATCO-S6767 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6768 SATCO-S6768 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8666 SATCO-S8666 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8667 SATCO-S8667 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8668 SATCO-S8668 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com