Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL1884 Datasheet (PDF) - OSRAM GmbH

DL1884 Datasheet PDF - OSRAM GmbH
Part # DL1884
Download  DL1884 Download
File Size   221.02 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 18 W/840 2G11

DL1884 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL1884 Datasheet PDF - OSRAM GmbH

Part # DL1884
Download  DL1884 Click to download

File Size   221.02 Kbytes
Page   7 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX L 18 W/840 2G11

DL1884 Datasheet (HTML) - OSRAM GmbH


DL1884 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Short and compact pin-base lamp with double-turn tubes
Single-ended four-pin plug-in 2G11 base
Dimmable (1…100 % with QUICKTRONIC QTi DALI/DIM)
Color rendering index R
a
: 80…89
Average life: 20,000 h (with QUICKTRONIC)
Operates on battery, solar and AC power with suitable electronic control gear
Also available in blue




Similar Part No. - DL1884

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
ZERO INSERTION FORCE CONNECTORS
DL1 ITT-DL1 Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL1-156PF ITT-DL1-156PF Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL1-156PW4 ITT-DL1-156PW4 Datasheet
743Kb / 7P
Cannon ZIF Connectors
DL1-156PW4A ITT-DL1-156PW4A Datasheet
743Kb / 7P
Cannon ZIF Connectors
More results


Similar Description - DL1884

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2964 SATCO-S2964 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S2965 SATCO-S2965 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S2966 SATCO-S2966 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6757 SATCO-S6757 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6758 SATCO-S6758 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S6759 SATCO-S6759 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8658 SATCO-S8658 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8659 SATCO-S8659 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com