Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1184 Datasheet (PDF) - OSRAM GmbH

DS1184 Datasheet PDF - OSRAM GmbH
Part # DS1184
Download  DS1184 Download
File Size   192.77 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 11 W/840

DS1184 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1184 Datasheet PDF - OSRAM GmbH

Part # DS1184
Download  DS1184 Click to download

File Size   192.77 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 11 W/840

DS1184 Datasheet (HTML) - OSRAM GmbH


DS1184 Product details

Areas of application
Ideal for cost-effective creative illumination and
decoration
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants

Product features
Average life: 10,000 h
Color rendering index R
a
for lamps with white light: 80…89
Also available in red, green and blue
Short and compact pin-base lamps with single-turn tubes
Single-ended two-pin plug-in G23 base




Similar Part No. - DS1184

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
Standard ceramic 3535 footprint delivering high efficacy at high-drive current
logo
Synology Inc.
DS118 SYNOLOGY-DS118 Datasheet
528Kb / 5P
DiskStation DS118
logo
Maxim Integrated Produc...
DS1181L MAXIM-DS1181L Datasheet
158Kb / 5P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 11/07
DS1181L MAXIM-DS1181L Datasheet
543Kb / 6P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-7502; Rev 2; 2/15
DS1181LE+ MAXIM-DS1181LE+ Datasheet
158Kb / 5P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 11/07
More results


Similar Description - DS1184

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495SA STMICROELECTRONICS-TDA7495SA_07 Datasheet
331Kb / 15P
11 W 11 W amplifier with DC volume control
Dec-2007
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com