Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9840 Datasheet (PDF) - OSRAM GmbH

DS9840 Datasheet PDF - OSRAM GmbH
Part # DS9840
Download  DS9840 Download
File Size   216.59 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 9 W/840

DS9840 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9840 Datasheet PDF - OSRAM GmbH

Part # DS9840
Download  DS9840 Click to download

File Size   216.59 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 9 W/840

DS9840 Datasheet (HTML) - OSRAM GmbH


DS9840 Product details

Areas of application
Ideal for cost-effective creative illumination and
decoration
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants

Product features
Average life: 10,000 h
Color rendering index R
a
for lamps with white light: 80…89
Also available in red, green and blue
Short and compact pin-base lamps with single-turn tubes
Single-ended two-pin plug-in G23 base




Similar Part No. - DS9840

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS9-08F IXYS-DS9-08F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
DS9-12F IXYS-DS9-12F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
logo
Tyco Electronics
DS9-1W MACOM-DS9-1W Datasheet
125Kb / 2P
AC solid state relay for loads up to 1A @ 250Vrms (2A with heatsink)
logo
Bridgelux, Inc.
DS90 BRIDGELUX-DS90 Datasheet
1Mb / 37P
Gen 7 Vero® 10 Array
08/2023
logo
Maxim Integrated Produc...
DS9034I-PCX MAXIM-DS9034I-PCX Datasheet
114Kb / 5P
PowerCap with Crystal
Rev 10/10
More results


Similar Description - DS9840

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332405 ADELS-332405 Datasheet
111Kb / 1P
GSK 840 H/ 5
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com