Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS7840 Datasheet (PDF) - OSRAM GmbH

DS7840 Datasheet PDF - OSRAM GmbH
Part # DS7840
Download  DS7840 Download
File Size   209.61 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 7 W/840

DS7840 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS7840 Datasheet PDF - OSRAM GmbH

Part # DS7840
Download  DS7840 Click to download

File Size   209.61 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX S 7 W/840

DS7840 Datasheet (HTML) - OSRAM GmbH


DS7840 Product details

Areas of application
Ideal for cost-effective creative illumination and
decoration
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants

Product features
Average life: 10,000 h
Color rendering index R
a
for lamps with white light: 80…89
Also available in red, green and blue
Short and compact pin-base lamps with single-turn tubes
Single-ended two-pin plug-in G23 base




Similar Part No. - DS7840

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7800 NSC-DS7800 Datasheet
108Kb / 4P
Dual Voltage Level Translator
DS7800H NSC-DS7800H Datasheet
108Kb / 4P
Dual Voltage Level Translator
DS7820 NSC-DS7820 Datasheet
250Kb / 8P
Dual Line Receiver
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
Dual Line Receiver
More results


Similar Description - DS7840

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
332405 ADELS-332405 Datasheet
111Kb / 1P
GSK 840 H/ 5
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com