Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD1382 Datasheet (PDF) - OSRAM GmbH

DD1382 Datasheet PDF - OSRAM GmbH
Part # DD1382
Download  DD1382 Download
File Size   195.32 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX D 13 W/827

DD1382 Datasheet (PDF)

Go To PDF Page Download Datasheet
DD1382 Datasheet PDF - OSRAM GmbH

Part # DD1382
Download  DD1382 Click to download

File Size   195.32 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description DULUX D 13 W/827

DD1382 Datasheet (HTML) - OSRAM GmbH


DD1382 Product details

Areas of application
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
Industry

Product features
Average life: 10,000 h
Color rendering index R
a
: 80…89
Short and compact pin-base lamp with double-turn tubes
Single-ended two-pin plug-in G24d base




Similar Part No. - DD1382

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DD130F SANREX-DD130F Datasheet
96Kb / 2P
DIODE MODULE
DD130F120 SANREX-DD130F120 Datasheet
96Kb / 2P
DIODE MODULE
DD130F160 SANREX-DD130F160 Datasheet
96Kb / 2P
DIODE MODULE
DD130F40 SANREX-DD130F40 Datasheet
96Kb / 2P
DIODE MODULE
DD130F80 SANREX-DD130F80 Datasheet
96Kb / 2P
DIODE MODULE
More results


Similar Description - DD1382

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
logo
Hittite Microwave Corpo...
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC723LP3E HITTITE-HMC723LP3E Datasheet
605Kb / 8P
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
TriQuint Semiconductor
TGA2239 TRIQUINT-TGA2239_15 Datasheet
681Kb / 15P
13 15.5 GHz 35 W GaN Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
Power Amplifier, 13 W
logo
PHOENIX CONTACT
1747960 PHOENIX-1747960 Datasheet
117Kb / 5P
PCB terminal block - ZFKDSA 1-W-3,81-13
1753828 PHOENIX-1753828 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-5,08-13
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com