Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

038-0100 Datasheet (PDF) - Multicomp Pro

038-0100 Datasheet PDF - Multicomp Pro
Part # 038-0100
Download  038-0100 Download
File Size   170.52 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Density Conductive Foam

038-0100 Datasheet (PDF)

Go To PDF Page Download Datasheet
038-0100 Datasheet PDF - Multicomp Pro

Part # 038-0100
Download  038-0100 Click to download

File Size   170.52 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description High Density Conductive Foam

038-0100 Datasheet (HTML) - Multicomp Pro


038-0100 Product details

Features
• Carbon impregnated conductive polyurethane foam
• Non corrosive
• Ideal for cushioning product in transit

Description
High Density Conductive Foam, 127mm×228mm×6mm, Black




Similar Part No. - 038-0100

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
038-0016 MULTICOMP-038-0016 Datasheet
152Kb / 1P
High Density Conductive Foam
03/08/22 V1.0
More results


Similar Description - 038-0100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
57000 ETC2-57000 Datasheet
123Kb / 1P
Conductive Hinged Box with Foam
12350 ETC2-12350 Datasheet
271Kb / 2P
STATFREE FOAM, CONDUCTIVE
logo
Wurth Elektronik GmbH &...
390103 WURTH-390103 Datasheet
129Kb / 3P
WE-LS Conductive Foam
390105 WURTH-390105 Datasheet
129Kb / 3P
WE-LS Conductive Foam
390107 WURTH-390107 Datasheet
129Kb / 3P
WE-LS Conductive Foam
390110 WURTH-390110 Datasheet
129Kb / 3P
WE-LS Conductive Foam
390115 WURTH-390115 Datasheet
129Kb / 3P
WE-LS Conductive Foam
logo
Belden Inc.
123108A BELDEN-123108A Datasheet
92Kb / 1P
THREE 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133109A BELDEN-133109A Datasheet
81Kb / 1P
FOUR 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
EcoFoamTM Conductive Foam
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com