Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC08 Datasheet (PDF) - Texas Instruments

CD74AC08 Datasheet PDF - Texas Instruments
Part # CD74AC08
Download  CD74AC08 Download
File Size   1226.3 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC08 Quadruple 2-Input Positive-and Gates

CD74AC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC08 Datasheet PDF - Texas Instruments

Part # CD74AC08
Download  CD74AC08 Click to download

File Size   1226.3 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4AC08 Quadruple 2-Input Positive-and Gates

CD74AC08 Datasheet (HTML) - Texas Instruments


CD74AC08 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• Buffered inputs
• ±24mA output drive current
- Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Description
The ’AC08 devices are quadruple 2-input positive-
AND gates. These devices perform the Boolean
function Y = A • B in positive logic.




Similar Part No. - CD74AC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC08 TI-CD74AC08 Datasheet
30Kb / 5P
Quad 2-Input AND Gate
CD74AC08E TI-CD74AC08E Datasheet
30Kb / 5P
Quad 2-Input AND Gate
CD74AC08E TI1-CD74AC08E Datasheet
882Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
CD74AC08M TI-CD74AC08M Datasheet
30Kb / 5P
Quad 2-Input AND Gate
CD74AC08M TI1-CD74AC08M Datasheet
882Kb / 14P
AC Types Feature 1.5-V to 5.5-V Operation
More results


Similar Description - CD74AC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com